| Electronic Components Datasheet Search |
|
T48C862-R4 Datasheet(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R4 Datasheet(HTML) 40 Page - ATMEL Corporation |
|
40 / 107 page ![]() 40 T48C862-R4 [Preliminary] 4551C–4BMCU–01/04 Figure 33. UTCM Block Diagram Timer 1 The Timer 1 is an interval timer which can be used to generate periodical interrupts and as prescaler for Timer 2, Timer 3, the serial interface and the watchdog function. The Timer 1 consists of a programmable 14-stage divider that is driven by either SUBCL or SYSCL. The timer output signal can be used as prescaler clock or as SUBCL and as source for the Timer 1 interrupt. Because of other system requirements, the Timer 1 out- put T1OUT is synchronized with SYSCL. Therefore, in the power-down mode SLEEP (CPU core -> sleep and OSC-Stop -> yes), the output T1OUT is stopped (T1OUT = 0). Nevertheless, the Timer 1 can be active in SLEEP and generate Timer 1 interrupts. The interrupt is maskable via the T1IM bit and the SUBCL can be bypassed via the T1BP bit of the T1C2 register. The time interval for the timer output can be programmed via the Timer 1 control register T1C1. Demodu- lator 3 8-bit Counter 3 Capture 3 Compare 3/1 Compare 3/2 Modu- lator 3 MUX MUX Control Watchdog Interval / Prescaler Timer 1 Timer 3 Modu- lator 2 4-bit Counter 2/1 Compare 2/1 MUX MUX DCG 8-bit Counter 2/2 Compare 2/2 Control Timer 2 MUX 8-bit shift register Receive buffer Transmit buffer Control SSI SCL INT4 INT5 INT2 NRST INT3 POUT TOG2 TOG3 T1OUT SUBCL SYSCL from clock module T3O T3I T2I T2O SC SD I/O bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |