| Electronic Components Datasheet Search |
|
T48C862-R4 Datasheet(PDF) 41 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R4 Datasheet(HTML) 41 Page - ATMEL Corporation |
|
41 / 107 page ![]() 41 T48C862-R4 [Preliminary] 4551C–4BMCU–01/04 This timer starts running automatically after any power-on reset! If the watchdog func- tion is not activated, the timer can be restarted by writing into the T1C1 register with T1RM = 1. Timer 1 can also be used as a watchdog timer to prevent a system from stalling. The watchdog timer is a 3-bit counter that is supplied by a separate output of Timer 1. It gen- erates a system reset when the 3-bit counter overflows. To avoid this, the 3-bit counter must be reset before it overflows. The application software has to accomplish this by reading the CWD register. After power-on reset the watchdog must be activated by software in the $RESET initial- ization routine. There are two watchdog modes, in one mode the watchdog can be switched on and off by software, in the other mode the watchdog is active and locked. This mode can only be stopped by carrying out a system reset. The watchdog timer operation mode and the time interval for the watchdog reset can be programmed via the watchdog control register (WDC). Figure 34. Timer 1 Module Figure 35. Timer 1 and Watchdog Prescaler 14 bit CL1 Watchdog 4 bit MUX WDCL T1IM T1BP T1MUX NRST INT2 T1OUT T1CS SYSCL SUBCL Q5 Q1 Q2 Q3 Q4 Q6 Q8 Q8 Q11 Q11 Q14 Q14 RES CL Decoder Watchdog mode control MUX for interval timer Decoder MUX for watchdog timer T1RM T1C2 T1C1 T1C0 3 2 WDL WDR WDT1 WDT0 WDC RES T1MUX SUBCL T1BP T1IM T1IM=0 T1IM=1 INT2 T1OUT T1C2 RESET (NRST) Watchdog Divider / 8 Divider RESET T1C1 Write of the T1C1 register CL1 WDCL Read of the CWD register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |