Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0808LCM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0808LCM
Description  8-Bit D/A Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0808LCM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DAC0808LCM Datasheet HTML 1Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 2Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 3Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 4Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 5Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
(VCC
5V VEE
b
15 VDC VREF R14
2 mA DAC0808 TA
b
55 Cto a125 C DAC0808C DAC0807C DAC0806C TA
0 Cto a75 C and all digital inputs at high logic level unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SRIREF
Reference Current Slew Rate
(Figure 6)
4
8
mA ms
Output Current Power Supply
b
5V s VEE s b165V
005
27
m
AV
Sensitivity
Power Supply Current (All Bits
(Figure 3)
Low)
ICC
23
22
mA
IEE
b
43
b
13
mA
Power Supply Voltage Range
TA
25 C
(Figure 3)
VCC
45
50
55
VDC
VEE
b
45
b
15
b
165
VDC
Power Dissipation
All Bits Low
VCC
5V VEE
b
5V
33
170
mW
VCC
5V VEE
b
15V
106
305
mW
All Bits High
VCC
15V VEE
b
5V
90
mW
VCC
15V VEE
b
15V
160
mW
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
Range control is not required
Note 3
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX iJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD
(TJMAX
TA) iJA or the number given in the Absolute Maixmum Ratings whichever is lower For this
device TJMAX
125 C and the typical junction-to-ambient thermal resistance of the dual-in-line J package when the board mounted is 100 CW For the dual-in-
line N package this number increases to 175 CW and for the small outline M package this number is 100 CW
Note 4
Human body model 100 pF discharged through a 15 kX resistor
Note 5
All current switches are tested to guarantee at least 50% of rated current
Note 6
All bits switched
Note 7
Pin-out numbers for the DAL080X represent the dual-in-line package The small outline package pinout differs from the dual-in-line package
Typical Application
VO 10V
A12aA24a A8256J
TLH5687 3
FIGURE 1 a10V Output Digital to Analog Converter (Note 7)
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com