Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0808LCM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0808LCM
Description  8-Bit D/A Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0808LCM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DAC0808LCM Datasheet HTML 2Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 3Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 4Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 5Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 9Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Test Circuits (Continued)
TLH5687 9
FIGURE 6 Reference Current Slew Rate Measurement (Note 7)
TLH5687 10
FIGURE 7 Positive VREF (Note 7)
TLH5687 11
FIGURE 8 Negative VREF (Note 7)
Application Hints
REFERENCE AMPLIFIER DRIVE AND COMPENSATION
The reference amplifier provides a voltage at pin 14 for con-
verting the reference voltage to a current and a turn-around
circuit or current mirror for feeding the ladder The reference
amplifier input currrent I14 must always flow into pin 14
regardless of the set-up method or reference voltage polarity
Connections for a positive voltage are shown in
Figure 7
The reference voltage source supplies the full current I14
For bipolar reference signals as in the multiplying mode
TLH5687 12
FIGURE 9 Programmable Gain Amplifier or
Digital Attenuator Circuit (Note 7)
R15 can be tied to a negative voltage corresponding to the
minimum input level It is possible to eliminate R15 with only
a small sacrifice in accuracy and temperature drift
The compensation capacitor value must be increased with
increases in R14 to maintain proper phase margin for R14
values of 1 25 and 5 kX minimum capacitor values are 15
37 and 75 pF The capacitor may be tied to either VEE or
ground but using VEE increases negative supply rejection
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com