Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP880C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP880C
Description  Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP880C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP880C Datasheet HTML 1Page - National Semiconductor (TI) COP880C Datasheet HTML 2Page - National Semiconductor (TI) COP880C Datasheet HTML 3Page - National Semiconductor (TI) COP880C Datasheet HTML 4Page - National Semiconductor (TI) COP880C Datasheet HTML 5Page - National Semiconductor (TI) COP880C Datasheet HTML 6Page - National Semiconductor (TI) COP880C Datasheet HTML 7Page - National Semiconductor (TI) COP880C Datasheet HTML 8Page - National Semiconductor (TI) COP880C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
COP880C
Microcontrollers
General Description
The following part numbers are pin count and tempera-
ture variations of the COP880C: COP680C/COP681C/
COP682C/COP881C
/COP882C/COP980C/
COP981C/COP982C.
The COP880C devices are members of the COP8 microcon-
troller family. They are fully static parts, fabricated using
double-metal silicon gate microCMOS technology. This low
cost microcontroller is a complete microcomputer containing
all system timing, interrupt logic, ROM, RAM, and I/O nec-
essary to implement dedicated control functions in a variety
of applications. Features include an 8-bit memory mapped
architecture, MICROWIRE/PLUS™ serial I/O, a 16-bit timer/
counter with capture register and a multi-sourced interrupt.
Each I/O pin has software selectable options to adapt the
device to the specific application. The part operates over a
voltage range of 2.5 to 6.0V. High throughput is achieved
with an efficient, regular instruction set operating at a 1
microsecond per instruction rate.
Key Features
n
— 16-bit multi-function timer supporting
— PWM mode
— External event counter mode
— Input capture mode
n
4 kbytes of ROM
n
128 bytes of RAM
I/O Features
n
Memory mapped I/O
n
Software selectable I/O options (TRI-STATE®, Push-Pull,
Weak Pull-Up Input, High Impedance Input)
n
High current outputs (8 pins)
n
Schmitt trigger inputs on Port G
n
MICROWIRE PLUS serial I/O
n
Packages:
— 20 DIP/SO with 16 I/O pins
— 28 DIP/SO with 24 I/O pins
— 40 DIP, 36 I/O pins
— 44 PLCC, 36 I/O pins
CPU/Instruction Set Features
n
1 µs instruction cycle time
n
Three multi-source interrupts servicing
— External interrupt with selectable edge
— Timer interrupt
— Software interrupt
n
Versatile and easy to use instruction set
n
8-bit Stack Pointer (SP) — stack in RAM
n
Two 8-bit Register Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n
Low current drain (typically < 1 µA)
n
Single supply operation: 2.5V to 6.0V
n
Temperature ranges: 0˚C to 70˚C, −40˚C to +85˚C,
−55˚C to +125˚C.
Development Support
n
Emulation and OTP devices
n
Real time emulation and full program debug offered by
MetaLink’s development system
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COPS™, HPC™, MICROWIRE™ and MICROWIRE/PLUS™ are trademarks of National Semiconductor Corporation.
iceMASTER™ is a trademark of MetaLink Corporation.
PC-XT® and PC-AT® are registered trademarks of International Business Machines Corporation.
August 1996
© 2001 National Semiconductor Corporation
DS010802
www.national.com


Similar Part No. - COP880C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP880C NSC-COP880C Datasheet
400Kb / 30P
Microcontrollers
COP880C-XXX/N NSC-COP880C-XXX/N Datasheet
400Kb / 30P
Microcontrollers
COP880C-XXX/N NSC-COP880C-XXX/N Datasheet
500Kb / 31P
COP880C Microcontroller
COP880C-XXX/V NSC-COP880C-XXX/V Datasheet
400Kb / 30P
Microcontrollers
COP880C-XXX/V NSC-COP880C-XXX/V Datasheet
500Kb / 31P
COP880C Microcontroller
More results

Similar Description - COP880C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com