Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP75 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP75
Description  Trisil??for telecom equipment protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP75 Datasheet(HTML) 3 Page - STMicroelectronics

  SMP75 Datasheet HTML 1Page - STMicroelectronics SMP75 Datasheet HTML 2Page - STMicroelectronics SMP75 Datasheet HTML 3Page - STMicroelectronics SMP75 Datasheet HTML 4Page - STMicroelectronics SMP75 Datasheet HTML 5Page - STMicroelectronics SMP75 Datasheet HTML 6Page - STMicroelectronics SMP75 Datasheet HTML 7Page - STMicroelectronics SMP75 Datasheet HTML 8Page - STMicroelectronics SMP75 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SMP75
Characteristics
Doc ID 5015 Rev 5
3/9
Table 2.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
IPP
Repetitive peak pulse current
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
75
250
100
120
150
250
250
A
IFS
Fail-safe mode : maximum current (1)
8/20 µs
5
kA
ITSM
Non repetitive surge peak on-state current (sinusoidal)
t = 0.2 s
t = 1 s
t = 2 s
t = 15 mn
14
8
6.5
2
A
I²t
I²t value for using
t = 16.6 ms
t = 20 ms
12
12.2
A²s
Tstg
Storage temperature range
-55 to + 150
°C
Tj
Maximum junction temperature
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
1.
In fail safe mode, the device acts as a short circuit.
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (with recommended footprint)
100
°C/W
Rth(j-l)
Junction to leads
20
°C/W
Table 4.
Electrical characteristics - definitions (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IRM
Leakage current
IPP
Peak pulse current
IBO
Breakover current
IH
Holding current
VR
Continuous reverse voltage
IR
Leakage current at VR
C
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com