Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP75 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMP75
Description  Trisil??for telecom equipment protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP75 Datasheet(HTML) 5 Page - STMicroelectronics

  SMP75 Datasheet HTML 1Page - STMicroelectronics SMP75 Datasheet HTML 2Page - STMicroelectronics SMP75 Datasheet HTML 3Page - STMicroelectronics SMP75 Datasheet HTML 4Page - STMicroelectronics SMP75 Datasheet HTML 5Page - STMicroelectronics SMP75 Datasheet HTML 6Page - STMicroelectronics SMP75 Datasheet HTML 7Page - STMicroelectronics SMP75 Datasheet HTML 8Page - STMicroelectronics SMP75 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SMP75
Characteristics
Doc ID 5015 Rev 5
5/9
Figure 6.
Relative variation of breakover
voltage versus junction
temperature
Figure 7.
Relative variation of leakage
current versus reverse voltage
applied (typical values)
V
[Tj] / V
[Tj=25°C]
BO
BO
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Tj(°C)
1
10
100
1000
10000
25
50
75
100
125
I [Tj] / I [Tj=25°C]
RR
Tj(°C)
Figure 8.
Variation of thermal impedance
junction to ambient versus pulse
duration
Figure 9.
Relative variation of junction
capacitance versus reverse voltage
applied (typical values)
Z/R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Printed circuit board FR4,
copper thickness = 35 µm,
recommended pad layout
C [V ] / C [V =2V]
RR
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1
10
V (V)
R
F =1MHz
V
= 1V
Tj = 25°C
OSC
RMS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com