Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX1J Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMX1J
Description  Stand off voltage 7.5 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMX1J Datasheet(HTML) 1 Page - STMicroelectronics

  SMX1J Datasheet HTML 1Page - STMicroelectronics SMX1J Datasheet HTML 2Page - STMicroelectronics SMX1J Datasheet HTML 3Page - STMicroelectronics SMX1J Datasheet HTML 4Page - STMicroelectronics SMX1J Datasheet HTML 5Page - STMicroelectronics SMX1J Datasheet HTML 6Page - STMicroelectronics SMX1J Datasheet HTML 7Page - STMicroelectronics SMX1J Datasheet HTML 8Page - STMicroelectronics SMX1J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2010
Doc ID 16180 Rev 3
1/11
11
SMX1J
Transil™
Features
■ Peak pulse power:
– 85 W (10/1000 µs)
– 800 W (8/20 µs)
■ Stand off voltage 7.5 V
■ Unidirectional
■ Low leakage current:
– 1 µA at 25 °C
– 2 µA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tj max: 78 W
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3B:
– 25 kV HBM (human body model)
Description
The SMX1J Transil has been designed to protect
sensitive equipment against electro-static
discharges according to IEC 61000-4-2,
MIL STD 883 Method 3015, and electrical over
stress such as IEC 61000-4-4 and 5. They are
generally for surges below 85 W 10/1000 µs.
The Planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
The SMX1J is packaged in µQFN-2L.
Figure 1.
Functional diagram (top view)
TM: Transil is a trademark of STMicroelectronics
K
A
µQFN-2L
www.st.com


Similar Part No. - SMX1J

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
SMX1-151-5 RADIOMETRIX-SMX1-151-5 Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
SMX1-154-5-12K5-FCC RADIOMETRIX-SMX1-154-5-12K5-FCC Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
SMX1-173-5 ETC2-SMX1-173-5 Datasheet
236Kb / 8P
Small Multi-channel VHF Transceiver
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
Small Multi-channel VHF Transceiver
More results

Similar Description - SMX1J

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
logo
STMicroelectronics
SMBJ13CA-TR STMICROELECTRONICS-SMBJ13CA-TR Datasheet
133Kb / 10P
Stand off voltage range: from 5 V to 188 V
20-Oct-2010
logo
Bedford Opto Technology...
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
Stand-off Voltage 5.0 to 188V
SMCJ_5.0_188CA BWTECH-SMCJ_5.0_188CA Datasheet
593Kb / 7P
Stand-off Voltage 5.0 to 188V
3.0SMCJ5.0_220A BWTECH-3.0SMCJ5.0_220A Datasheet
595Kb / 7P
Stand-off Voltage : 5.0 to 220V
logo
Surge Components
TCD6F13AH SURGE-TCD6F13AH Datasheet
318Kb / 2P
Stand-off Voltage - 13 Volts
logo
Shanghai Shunye Electro...
SMM4F SHUNYE-SMM4F Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
List of Unclassifed Man...
L13ESD5V0CE2 ETC2-L13ESD5V0CE2 Datasheet
138Kb / 5P
STAND-OFF VOLTAGE - 5.0 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com