Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX1J Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMX1J
Description  Stand off voltage 7.5 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMX1J Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMX1J Datasheet HTML 3Page - STMicroelectronics SMX1J Datasheet HTML 4Page - STMicroelectronics SMX1J Datasheet HTML 5Page - STMicroelectronics SMX1J Datasheet HTML 6Page - STMicroelectronics SMX1J Datasheet HTML 7Page - STMicroelectronics SMX1J Datasheet HTML 8Page - STMicroelectronics SMX1J Datasheet HTML 9Page - STMicroelectronics SMX1J Datasheet HTML 10Page - STMicroelectronics SMX1J Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
SMX1J
10/11
Doc ID 16180 Rev 3
5
Ordering information
6
Revision history
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SMX1J7.5A-TR
L
µQFN-2L
2.3 mg
12000
Tape and reel
Table 5.
Document revision history
Date
Revision
Changes
26-Oct-2009
1
First issue.
03-Nov-2009
2
Updated : Features, Table 2, Table 4 and Figure 11.
27-Oct-2010
3
Updated base quantity Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com