Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1600 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 10Page - STMicroelectronics STMPE1600 Datasheet HTML 11Page - STMicroelectronics STMPE1600 Datasheet HTML 12Page - STMicroelectronics STMPE1600 Datasheet HTML 13Page - STMicroelectronics STMPE1600 Datasheet HTML 14Page - STMicroelectronics STMPE1600 Datasheet HTML 15Page - STMicroelectronics STMPE1600 Datasheet HTML 16Page - STMicroelectronics STMPE1600 Datasheet HTML 17Page - STMicroelectronics STMPE1600 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
System control register
STMPE1600
14/27
Doc ID 16938 Rev 3
5
System control register
SYS_CTRL
System control register
Address:
0x03
Type:
RW
Reset:
0x00
Description:
System control register.
7654
3
2
1
0
SOFT
RESET
I2C_SHDN
Wakeup_En
RESERVED
RESERVED
INT_Enable
RESERVED
INT_Polarity
RW
RW
RW
––
RW
RW
[7] SOFT RESET:
Writing ‘1’ to this bit causes a soft reset
Cleared by hardware.
[6] I2C_SHDN:
Writing ‘1’ to this bit shuts down the I2C block on the next valid I2C clock.
In shut-down mode, only 2 possible ways exist to re-activate the device:
- Remove and reconnect Vcc
- Wake_up through the GPIO_0 pin if programmed as a hot-key and if Wakeup Enable bit of
this register is enabled
All GPIO states remain the same on entering shut-down mode.
[5] Wakeup_En:
Wakeup Enable bit
‘1’ to enable GPIO_0 as clock gating signal during shutdown
‘0’ to disable the above
[4] RESERVED
[3] RESERVED
[2] INT_Enable:
‘1’ to enable interrupt output
‘0’ to disable interrupt output
When the interrupt output is disabled, it is in floating condition but it does not consume current
[1] RESERVED
[0] INT_Polarity:
Interrupt polarity
‘1’ for active High
‘0’ for active LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com