Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1600 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 14Page - STMicroelectronics STMPE1600 Datasheet HTML 15Page - STMicroelectronics STMPE1600 Datasheet HTML 16Page - STMicroelectronics STMPE1600 Datasheet HTML 17Page - STMicroelectronics STMPE1600 Datasheet HTML 18Page - STMicroelectronics STMPE1600 Datasheet HTML 19Page - STMicroelectronics STMPE1600 Datasheet HTML 20Page - STMicroelectronics STMPE1600 Datasheet HTML 21Page - STMicroelectronics STMPE1600 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Polarity inversion register
STMPE1600
18/27
Doc ID 16938 Rev 3
9
Polarity inversion register
PINV
Polarity inversion register
Address:
0x16, 0x17
Type:
RW
Reset:
0
Description:
Polarity inversion register.
This register allows the user to invert the polarity of the input port register data. If a bit
in this register is set (written with ‘1’), the Input Port Data polarity is inverted. If a bit in
this register is cleared (written with a ‘0’), the Input Port Data polarity is retained. This
is for Active HIGH or Active LOW operation register. The polarity of the read register
can be inverted with this register.
9.1
Power supply
The STMPE1600 operates with a single power supply VCC that ranges from 1.65V to 3.6V.
The GPIO remains valid until the VCC is removed. When the VCC is removed, the GPIO is
reset.
9.2
Reset
The STMPE1600 is equipped with an internal POR circuit that holds the device in reset
state, until the VCC supply input is valid. The internal POR is tied to the VCC supply pin.
In the duration when reset pin is asserted, all GPIO are reset and default to input states.
15
14
13
12
11
10
9876543
2
1
0
PINV
15
PINV
14
PINV
13
PINV
12
PINV
11
PINV
10
PINV9 PINV8 PINV7 PINV6 PINV5 PINV4 PINV3
PINV2
PINV1
PINV0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[15:0] PINV[x]: Polarity inversion register (where x = 15 to 0)
Writing a ‘1’ to the PINV[x] bit will enable polarity inversion on the Input Port. Writing a ‘0’, the
input port polarity is retained. The reset value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com