Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMUX1800L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMUX1800L
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMUX1800L Datasheet HTML 7Page - STMicroelectronics STMUX1800L Datasheet HTML 8Page - STMicroelectronics STMUX1800L Datasheet HTML 9Page - STMicroelectronics STMUX1800L Datasheet HTML 10Page - STMicroelectronics STMUX1800L Datasheet HTML 11Page - STMicroelectronics STMUX1800L Datasheet HTML 12Page - STMicroelectronics STMUX1800L Datasheet HTML 13Page - STMicroelectronics STMUX1800L Datasheet HTML 14Page - STMicroelectronics STMUX1800L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STMUX1800L
Electrical characteristics
Doc ID 14869 Rev 4
11/21
Figure 3.
Diagram for suggested VDD decoupling
1.
Applicable for system level ESD test
Figure 4.
Test circuit for leakage current (IOFF)
1
4
6
9
10
13
16
18
GND
VDD
GND
GND
VDD
GND
GND
VDD
21
24
27 28
33
38
39
44
DUT
49
50
53
55
56
GND
VDD
GND
GND
Note: 100nF Capacitors must be used as local bypass capacitors between the adjacent VDD and GND pairs (total 7)
C=2uF or
4.7uF
IOFF(SW)
SEL
VDD
GND
3.6 V
3.6 V
3.6 V
A0
A1
A
FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com