Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMUX1800L Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMUX1800L
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMUX1800L Datasheet HTML 8Page - STMicroelectronics STMUX1800L Datasheet HTML 9Page - STMicroelectronics STMUX1800L Datasheet HTML 10Page - STMicroelectronics STMUX1800L Datasheet HTML 11Page - STMicroelectronics STMUX1800L Datasheet HTML 12Page - STMicroelectronics STMUX1800L Datasheet HTML 13Page - STMicroelectronics STMUX1800L Datasheet HTML 14Page - STMicroelectronics STMUX1800L Datasheet HTML 15Page - STMicroelectronics STMUX1800L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Electrical characteristics
STMUX1800L
12/21
Doc ID 14869 Rev 4
Figure 5.
Test circuit for SEL pin input capacitance (CIN)
Figure 6.
Test circuit for switch off capacitance (COFF)
LCR meter
DC = 0.25 V
AC = 0.5 Vpp
f = 1 MHz
DUT
SEL
3.3 V
VDD
GND
LCR meter
DC = 0.25 V
AC = 0.5 Vpp
f = 1 MHz
DUT
SEL
3.3 V
VDD
GND
L or H
H for channel 0
and L for channel 1
A
A0
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com