Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2126CS Datasheet HTML 1Page - Intersil Corporation EL2126CS Datasheet HTML 2Page - Intersil Corporation EL2126CS Datasheet HTML 3Page - Intersil Corporation EL2126CS Datasheet HTML 4Page - Intersil Corporation EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Typical Performance Curves
Non-Inverting Frequency Response for Various RF
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
RF=1kΩ
RF=500Ω
RF=180Ω
RF=100Ω
VS=±5V
AV=10
CL=5pF
RL=500Ω
Non-Inverting Frequency Response for Various RF
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
RF=1kΩ
RF=500Ω
RF=180Ω
RF=100Ω
Inverting Frequency Response for Various RF
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
VS=±15V
AV=-10
CL=5pF
RL=500Ω
Inverting Frequency Response for Various RF
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
VS=±5V
AV=-10
CL=5pF
RL=500Ω
Non-Inverting Frequency Response for Various Gain
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
AV=10
VS=±5V
RG=20Ω
RL=500Ω
CL=5pF
Non-Inverting Frequency Response for Various Gain
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
RF=1kΩ
RF=350Ω
RF=100Ω
RF=200Ω
RF=500Ω
RF=1kΩ
RF=500Ω
RF=200Ω
RF=100Ω
RF=350Ω
AV=20
AV=50
VS=±15V
RG=20Ω
RL=500Ω
CL=5pF
AV=10
AV=20
AV=50
VS=±15V
AV=10
CL=5pF
RL=500Ω
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com