Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2126CS Datasheet(PDF) 14 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 14 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation EL2126CS Datasheet HTML 10Page - Intersil Corporation EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation EL2126CS Datasheet HTML 13Page - Intersil Corporation EL2126CS Datasheet HTML 14Page - Intersil Corporation EL2126CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
Applications Information
Product Description
The EL2126 is an ultra-low noise, wideband monolithic
operational amplifier built on Elantec's proprietary high
speed complementary bipolar process. It features 1.3nV/
√Hz
input voltage noise, 200µV typical offset voltage, and 73dB
THD. It is intended for use in systems such as ultrasound
imaging where very small signals are needed to be
amplified. The EL2126 also has excellent DC specifications:
200µV VOS, 22µA IB, 0.4µA IOS, and 106dB CMRR. These
specifications allow the EL2126 to be used in DC-sensitive
applications such as difference amplifiers.
Gain-Bandwidth Product
The EL2126 has a gain-bandwidth product of 650MHz at
±5V. For gains less than 20, higher-order poles in the
amplifier's transfer function contribute to even higher closed-
loop bandwidths. For example, the EL2126 has a -3dB
bandwidth of 100MHz at a gain of 10 and decreases to
33MHz at gain of 20. It is important to note that the extra
bandwidth at lower gain does not come at the expenses of
stability. Even though the EL2126 is designed for gain
≥ 10.
With external compensation, the device can also operate at
lower gain settings. The RC network shown in Figure 1
reduces the feedback gain at high frequency and thus
maintains the amplifier stability. R values must be less than
RF divided by 9 and 1 divided by 2
πRC must be less than
200MHz.
Choice of Feedback Resistor, RF
The feedback resistor forms a pole with the input
capacitance. As this pole becomes larger, phase margin is
reduced. This increases ringing in the time domain and
peaking in the frequency domain. Therefore, RF has some
maximum value which should not be exceeded for optimum
performance. If a large value of RF must be used, a small
capacitor in the few pF range in parallel with RF can help to
reduce this ringing and peaking at the expense of reducing
the bandwidth. Frequency response curves for various RF
values are shown in the typical performance curves section
of this data sheet.
Noise Calculations
The primary application for the EL2126 is to amplify very
small signals. To maintain the proper signal-to-noise ratio, it
is essential to minimize noise contribution from the amplifier.
Figure 2 below shows all the noise sources for all the
components around the amplifier.
VN is the amplifier input voltage noise
IN+ is the amplifier positive input current noise
IN- is the amplifier negative input current noise
VRX is the thermal noise associated with each resistor:
where:
k is Boltzmann's constant = 1.380658 x 10-23
T is temperature in degrees Kelvin (273+ °C)
The total noise due to the amplifier seen at the output of the
amplifier can be calculated by using the following equation
(Figure 3).
As the equation shows, to keep noise at a minimum, small
resistor values should be used. At higher amplifier gain
configuration where R2 is reduced, the noise due to IN-, R2,
and R1 decreases and the noise caused by IN+, VN, and R3
starts to dominate. Because noise is summed in a root-
mean-squares method, noise sources smaller than 25% of
the largest noise source can be ignored. This can greatly
simplify the formula and make noise calculation much easier
to calculate.
Output Drive Capability
The EL2126 is designed to drive low impedance load. It can
easily drive 6VP-P signal into a 100Ω load. This high output
drive capability makes the EL2126 an ideal choice for RF, IF,
-
+
RF
R
C
VIN
VOUT
FIGURE 1.
-
+
VON
VIN
IN+
IN-
R2
R3
R1
VN
VR3
VR2
VR1
FIGURE 2.
V
RX
4kTRx
=
V
ON
BW
=
VN
2
1
R
1
R
2
-------
+


 2
×
IN-
2
R
1
2
IN+
2
R
3
2
1
R
1
R
2
-------
+


 2
×
×
+
×
4K
T
R
1
4KTR
2
R
1
R
2
-------


 2
×
×
×
×
+
×
×
×
4KTR
3
1
R
1
R
2
-------
+


 2
×
×
×
×
++
+
×
FIGURE 3.
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com