Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 41 Page - Hitachi Semiconductor

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404848FS Datasheet(HTML) 41 Page - Hitachi Semiconductor

Back Button HD404848FS Datasheet HTML 37Page - Hitachi Semiconductor HD404848FS Datasheet HTML 38Page - Hitachi Semiconductor HD404848FS Datasheet HTML 39Page - Hitachi Semiconductor HD404848FS Datasheet HTML 40Page - Hitachi Semiconductor HD404848FS Datasheet HTML 41Page - Hitachi Semiconductor HD404848FS Datasheet HTML 42Page - Hitachi Semiconductor HD404848FS Datasheet HTML 43Page - Hitachi Semiconductor HD404848FS Datasheet HTML 44Page - Hitachi Semiconductor HD404848FS Datasheet HTML 45Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 125 page
background image
HD404849 Series
41
Bit
Initial value
Read/Write
Bit name
3
0
W
SSR3*
2
0
W
SSR2
0
—
—
Not used
1
0
W
SSR1
System clock select register (SSR: $029)
SSR1
0
1
SSR2
0
1
ratio selection
fSUB = fX/8
fSUB = fX/4
SSR3
0
1
32-kHz oscillation stop
Oscillation operates in stop mode
Oscillation stops in stop mode
32-kHz oscillation division
System oscillation frequency selection
0.4 MHz – 1.0 MHz
1.6 MHz – 4.5 MHz
Note: * SSR3 is cleared only by a
RESET input. SSR3 will not be cleared by a STOPC input during
stop mode, and will retain its value.
SSR3 will also not be cleared upon entering stop mode.
Figure 26 System Clock Select Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com