Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 17 Page - Hitachi Semiconductor

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404848FS Datasheet(HTML) 17 Page - Hitachi Semiconductor

Back Button HD404848FS Datasheet HTML 13Page - Hitachi Semiconductor HD404848FS Datasheet HTML 14Page - Hitachi Semiconductor HD404848FS Datasheet HTML 15Page - Hitachi Semiconductor HD404848FS Datasheet HTML 16Page - Hitachi Semiconductor HD404848FS Datasheet HTML 17Page - Hitachi Semiconductor HD404848FS Datasheet HTML 18Page - Hitachi Semiconductor HD404848FS Datasheet HTML 19Page - Hitachi Semiconductor HD404848FS Datasheet HTML 20Page - Hitachi Semiconductor HD404848FS Datasheet HTML 21Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 125 page
background image
HD404849 Series
17
Item
Abbr.
Initial
Value
Contents
Timer/
Serial mode register A
(SMRA)
0000
Refer to description of serial mode register A
counters,
Serial mode register B
(SMRB)
- - X0
Refer to description of serial mode register B
serial
Prescaler S
(PSS)
$000
—
interface
Prescaler W
(PSW)
$00
—
Timer counter A
(TCA)
$00
—
Timer counter B
(TCB)
$00
—
Timer counter C
(TCC)
$00
—
Timer counter D
(TCD)
$00
—
Timer write register B
(TWBU,
TWBL)
$X0
—
Timer write register C
(TWCU,
TWCL)
$X0
—
Timer write register D
(TWDU,
TWDL)
$X0
—
Octal counter
000
—
A/D
A/D mode register
(AMR)
0000
Refer to description of A/D mode register
A/D data register
(ADRU,
ADRL)
$80
Refer to description of A/D mode register
LCD
LCD control register
(LCR)
0000
Refer to description of LCD control register
LCD mode register
(LMR)
0000
Refer to description of LCD duty-cycle/clock
control register
LCD output register 3
(LOR3)
- 00 -
Sets R-port/LCD segment pins to R port
mode
Bit registers
Low speed on flag
(LSON)
0
Refer to description of operating modes
Watchdog timer on flag (WDON)
0
Refer to description of timer C
A/D start flag
(ADSF)
0
Refer to description of A/D converter
A/D current off flag
(IAOF)
0
Direct transfer on flag
(DTON)
0
Refer to description of operating modes
Input capture status
flag
(ICSF)
0
Refer to description of timer D
Input capture error flag (ICEF)
0
Refer to description of timer D
Others
Miscellaneous register
(MIS)
0000
Refer to description of operating modes, I/O,
and serial interface
System clock select
register bits 2, 1
(SSR2,
SSR1)
00 -
Refer to description of operating modes and
oscillation circuits
Bank register
(V)
- - - 0
Refer to description of RAM memory map
Notes: 1. The statuses of other registers and flags after MCU reset are shown in the following table.
2. X indicates invalid value. – indicates that the bit does not exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com