Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM6220 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IPM6220
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IPM6220 Datasheet(HTML) 1 Page - Intersil Corporation

  IPM6220 Datasheet HTML 1Page - Intersil Corporation IPM6220 Datasheet HTML 2Page - Intersil Corporation IPM6220 Datasheet HTML 3Page - Intersil Corporation IPM6220 Datasheet HTML 4Page - Intersil Corporation IPM6220 Datasheet HTML 5Page - Intersil Corporation IPM6220 Datasheet HTML 6Page - Intersil Corporation IPM6220 Datasheet HTML 7Page - Intersil Corporation IPM6220 Datasheet HTML 8Page - Intersil Corporation IPM6220 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
TM
FN4903.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright © Intersil Corporation 2000
IPM6220
Advanced Triple PWM and Dual Linear
Power Controller for Portable
Applications
The IPM6220 provides a highly integrated power control and
protection solution for five output voltages required in high-
performance notebook PC applications. The IC integrates
three fixed frequency pulse-width-modulation (PWM)
controllers and two linear regulators along with monitoring and
protection circuitry into a single 24 lead SSOP package.
The two PWM controllers that regulate the system main 5V
and 3.3V voltages are implemented with synchronous-
rectified buck converters. Synchronous rectification and
hysteretic operation at light loads contribute to high efficiency
over a wide range of input voltage and load variation.
Efficiency is further enhanced by using the lower MOSFET’s
rDS(ON) as the current sense element. Input voltage feed-
forward ramp modulation, current-mode control, and internal
feed-back compensation provide fast and stable handling of
input voltage load transients encountered in advanced
portable computer chip sets.
The third PWM controller is a boost converter that regulates a
resistor selectable output voltage of nominally 12V.
Two internal linear regulators provide +5V ALWAYS and
+3.3V ALWAYS low current outputs required by the notebook
system controller.
Pinout
IPM6220 (SSOP)
TOP VIEW
Features
• Provides Five Regulated Voltages
- +5V ALWAYS
- +3.3V ALWAYS
-+5V Main
- +3.3V Main
-+12V
• High Efficiency Over Wide Line and Load Range
- Synchronous Buck Converters on Main Outputs
- Hysteretic Operation at Light Load
• No Current-Sense Resistor Required
- Uses MOSFET’s rDS(ON)
- Optional Current-Sense Resistor for More Precision
• Operates Directly From Battery 5.6 to 22V Input
• Input Undervoltage Lock-Out (UVLO)
• Excellent Dynamic Response
- Voltage Feed-Forward and Current-Mode Control
• Monitors Output Voltages
• Synchronous Converters Operate Out of Phase
• Separate Shut-Down Pins for Advanced Configuration and
Power Interface (ACPI) Compatibility
• 300kHz Fixed Switching Frequency on Main Outputs
• Thermal Shut-Down Protection
Applications
• Mobile PCs
• Hand-Held Portable Instruments
Related Literature
• Application Note AN9915
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
IPM6220CA
0 to 70
24 Ld SSOP
M24.15
IPM6220EVAL1
Evaluation Board
VBATT
3.3V ALWAYS
BOOT2
UGATE2
VSEN2
SDWN2
PGOOD
BOOT1
LGATE1
ISEN1
PHASE1
GND
GATE3
SDWNALL
UGATE1
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
PGND2
PHASE2
ISEN2
VSEN1
VSEN3
5V ALWAYS
LGATE2
PGND1
SDWN1
Data Sheet
December 2000
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGN
S
REC
OMM
END
ED R
EPL
ACE
MEN
T
ISL6
232
(Ava
ilabl
e Fe
b. 20
04)


Similar Part No. - IPM6220

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
logo
Renesas Technology Corp
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Intersil Corporation
IPM6220ACA INTERSIL-IPM6220ACA Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
logo
Renesas Technology Corp
IPM6220ACA RENESAS-IPM6220ACA Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
More results

Similar Description - IPM6220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
ISL6226 INTERSIL-ISL6226 Datasheet
384Kb / 17P
Advanced PWM and Linear Power Controller for Portable Applications
August 2002
ISL6235 INTERSIL-ISL6235 Datasheet
441Kb / 14P
Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
June 2001
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com