Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2657 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2657 Datasheet HTML 3Page - National Semiconductor (TI) LM2657 Datasheet HTML 4Page - National Semiconductor (TI) LM2657 Datasheet HTML 5Page - National Semiconductor (TI) LM2657 Datasheet HTML 6Page - National Semiconductor (TI) LM2657 Datasheet HTML 7Page - National Semiconductor (TI) LM2657 Datasheet HTML 8Page - National Semiconductor (TI) LM2657 Datasheet HTML 9Page - National Semiconductor (TI) LM2657 Datasheet HTML 10Page - National Semiconductor (TI) LM2657 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface apply over full
Operating Junction Temperature range. VDD = V5 = 5V, V
SGND =VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1k
Ω un-
less otherwise stated (Note 4). Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typical
(Note
5)
Max
Units
Oscillator
F
OSC
PWM Frequency
R
FADJ = 22.1k
Ω
255
300
345
kHz
R
FADJ = 12.4k
Ω
500
R
FADJ = 30.9k
Ω
200
V
RAMP
PWM Ramp Peak-to-peak
Amplitude
VIN = 4.5V
0.48
V
VIN = 15V
1.6
VIN = 28V
3.0
V
VALLEY
PWM Ramp Valley
0.8
V
∆
FOSC_VIN
Frequency Change with
VIN
VIN = 4.5V to 28V
±1%
∆
FOSC_VDD
Frequency Change with
VDD
VDD = 4.5V to 5.5V
±2%
ø
CH
Phase Shift Between
Channels
Phase from HDRV1 to HDRV2
165
180
195
deg
V
FREQ_VIN
FREQ Pin Voltage vs. VIN
0.107
V/V
System
t
on-min
Minimum ON Time
V
FPWM =3V
30
ns
VIN = 4.5V
60
70
%
D
MAX
Maximum Duty Cycle
VIN = 15V
40
50
%
VIN = 28V, VDD= 4.5V
24
30
%
Gate Drivers
R
HDRV_SOURCE
HDRV Source Impedance
HDRV Pin Current (sourcing)=
1.2A
7
Ω
R
HDRV_SINK
HDRV Sink Impedance
HDRV Pin Current (sinking) = 1A
2
Ω
R
LDRV_SOURCE
LDRV Source Impedance
LDRV Pin Current (sourcing) =
1.2A
7
Ω
R
LDRV_SINK
LDRV Sink Impedance
LDRV Pin Current (sinking) = 2A
1
Ω
t
DEAD
Cross-conduction
Protection Delay
(deadtime)
HDRV Falling to LDRV Rising
40
ns
LDRV Falling to HDRV Rising
70
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics table.
Note 2: PGND1, PGND2 and SGND are all electrically connected together on the PCB.
Note 3: ESD is applied by the human body model, which is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 4: RFADJ is the frequency adjust resistor between FREQ pin and SGND pin.
Note 5: Typical numbers are at 25˚C and represent the most likely norm.
Note 6: If the LM2657 starts up with a pre-charged soft start capacitor, it will first discharge the capacitor to VSS_RESET and then begin the normal Soft-start process.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com