Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2657 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2657 Datasheet HTML 1Page - National Semiconductor (TI) LM2657 Datasheet HTML 2Page - National Semiconductor (TI) LM2657 Datasheet HTML 3Page - National Semiconductor (TI) LM2657 Datasheet HTML 4Page - National Semiconductor (TI) LM2657 Datasheet HTML 5Page - National Semiconductor (TI) LM2657 Datasheet HTML 6Page - National Semiconductor (TI) LM2657 Datasheet HTML 7Page - National Semiconductor (TI) LM2657 Datasheet HTML 8Page - National Semiconductor (TI) LM2657 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM2657
Dual Synchronous Buck Regulator Controller
General Description
The LM2657 is an adjustable 200kHz-500kHz dual channel
voltage-mode controlled high-speed synchronous buck
regulator controller ideally suited for high current applica-
tions. The LM2657 requires only N-channel FETs for both
the upper and lower positions of each stage. It features line
feedforward to improve the response to input transients. At
very light loads, the user can choose between the high-
efficiency Pulse-skip mode or the constant frequency
Forced-PWM mode. Lossless current limiting without the use
of external sense resistors is made possible by sensing the
voltage drop across the bottom FET. A unique adaptive duty
cycle clamping technique is incorporated to significantly re-
duce peak currents under abnormal load conditions. The two
independently programmable outputs switch 180˚ out of
phase (interleaved switching) reducing the input capacitor
and filter requirements. The input voltage range is 4.5V to
28V while the output voltages are adjustable down to 0.6V.
Standard supervisory and control features include Soft-start,
Power Good, output Under-voltage and Over-voltage protec-
tion, Under-voltage Lockout, and chip Enable.
Features
n
Input voltage range from 4.5V to 28V
n
Synchronous dual-channel interleaved switching
n
Forced-PWM or Pulse-skip modes
n
Lossless bottom-side FET current sensing
n
Adaptive duty cycle clamp
n
High current N-channel FET drivers
n
Low shutdown supply current
n
Reference voltage accurate to within ±1.5%
n
Output voltage adjustable down to 0.6V
n
Power Good flag and Chip Enable
n
Under-voltage lockout
n
Over-voltage/Under-voltage protection
n
Soft-start
n
Switching frequency adjustable 200kHz-500kHz
n
TSSOP-28 package
Applications
n
Low Output Voltage High-Efficiency Buck Regulators
Typical Application (Channel 2 in parenthesis)
20134704
January 2005
© 2005 National Semiconductor Corporation
DS201347
www.national.com


Similar Part No. - LM2657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2657 TI-LM2657 Datasheet
1Mb / 36P
LM2657 Dual Synchronous Buck Regulator Controller
LM2657MTC/NOPB TI-LM2657MTC/NOPB Datasheet
1Mb / 36P
LM2657 Dual Synchronous Buck Regulator Controller
LM2657MTCX/NOPB TI-LM2657MTCX/NOPB Datasheet
1Mb / 36P
LM2657 Dual Synchronous Buck Regulator Controller
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
LM2657 Dual Synchronous Buck Regulator Controller
More results

Similar Description - LM2657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
Dual Synchronous Buck Regulator Controller
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
Dual Synchronous Buck Regulator Controller
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
LM2647 Dual Synchronous Buck Regulator Controller
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
LM2657 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com