Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1704B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1704B
Description  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1704B Datasheet(HTML) 2 Page - Linear Technology

  LTC1704B Datasheet HTML 1Page - Linear Technology LTC1704B Datasheet HTML 2Page - Linear Technology LTC1704B Datasheet HTML 3Page - Linear Technology LTC1704B Datasheet HTML 4Page - Linear Technology LTC1704B Datasheet HTML 5Page - Linear Technology LTC1704B Datasheet HTML 6Page - Linear Technology LTC1704B Datasheet HTML 7Page - Linear Technology LTC1704B Datasheet HTML 8Page - Linear Technology LTC1704B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC1704/LTC1704B
2
1704bfa
Supply Voltage
VCC, PVCC .............................................................. 6V
BOOST ................................................................. 12V
BOOST – SW ......................................................... 6V
Input Voltage
SW ............................................................. –1V to 6V
FB, REGFB, REGILM,
RUN/SS, IMAX .......................... – 0.3V to (VCC + 0.3V)
Peak Output Current <10
µs
TG, BG (Note 7) ..................................................... 5A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 130°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1704EGN
LTC1704BEGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = PVCC = BOOST = 5V, unless otherwise specified. (Note 3)
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
TG
SW
IMAX
RUN/SS
COMP
FB
REGDR
GND
BOOST
PVCC
BG
PGND
PGOOD
VCC
REGILM
REGFB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
q
3.15
5
5.5
V
PVCC
PVCC Supply Voltage
(Note 4)
q
3.15
5
5.5
V
BVCC
BOOST Pin Voltage
VBOOST – VSW (Note 4)
q
3.15
5
5.5
V
IVCC
VCC Supply Current
Test Circuit
q
4.5
8
mA
VRUN/SS = 0V, VREGILM = 0V
q
75
150
µA
IPVCC
PVCC Supply Current
Test Circuit, No Load at Drivers
q
36
mA
VRUN/SS = 0V (Notes 5, 6)
q
50
µA
IBOOST
BOOST Pin Current
Test Circuit
q
26
mA
VRUN/SS = 0V (Notes 5, 6)
q
50
µA
VSHDN
RUN/SS Shutdown Threshold
VRUN/SS ↑
q
0.2
0.5
V
ISS
RUN/SS Source Current
VRUN/SS = 0V
– 3
µA
Switcher Control Loop
VFB
Feedback Voltage
q
0.788
0.800
0.812
V
IFB
Feedback Input Current
q
±1
µA
dVFB
Feedback Voltage Line Regulation
VCC = 3.3V to 5.5V
q
±0.01
±0.1
%/V
Output Voltage Load Regulation
(Note 7)
q
– 0.2
– 0.1
%
AFB
Feedback Amplifier DC Gain
q
74
85
dB
GBW
Feedback Amplifier Gain Bandwidth Product
f = 100kHz (Note 7)
20
MHz
ICOMP
Feedback Amplifier Output Sink/Source Current
q
±3
±10
mA
VPGOOD
Negative Power Good Threshold
q
–15
–10
– 6
%
Positive Power Good Threshold
q
610
15
%
IIMAX
IMAX Source Current
VIMAX = 0V
q
–11.5
–10
– 8.5
µA
GN PART MARKING
1704
1704B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com