Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1704B Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1704B
Description  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1704B Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1704B Datasheet HTML 17Page - Linear Technology LTC1704B Datasheet HTML 18Page - Linear Technology LTC1704B Datasheet HTML 19Page - Linear Technology LTC1704B Datasheet HTML 20Page - Linear Technology LTC1704B Datasheet HTML 21Page - Linear Technology LTC1704B Datasheet HTML 22Page - Linear Technology LTC1704B Datasheet HTML 23Page - Linear Technology LTC1704B Datasheet HTML 24Page - Linear Technology LTC1704B Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC1704/LTC1704B
21
1704bfa
APPLICATIO S I FOR ATIO
*1704 modulator gain/phase
*2001 Linear Technology
*this file written to run with PSpice 9.0
*may
require
modifications
for
other
SPICE
simulators
*MOSFETs
rfet mod sw 0.02
;MOSFET rdson
*inductor
lext sw out1 1u
;inductor value
rl out1 outsw 0.005
;inductor series R
*output cap
cout outsw out2 1000u
;capacitor value
resr out2 0 0.01
;capacitor ESR
*1704 internals
emod mod 0 comp 0 5
;3.3 for 3.3V supply
vstim comp 0 0 ac 1
;ac stimulus
.ac dec 100 1k 1meg
.probe
.end
With the gain/phase plot in hand, a loop crossover fre-
quency can be chosen. Usually the curves look something
like Figure 7. Choose the crossover frequency in the rising
or flat parts of the phase curve, beyond the external LC
poles. Frequencies between 10kHz and 50kHz usually
work well. Note the gain (GAIN, in dB) and phase (PHASE,
in degrees) at this point. The desired feedback amplifier
gain will be – GAIN to make the loop gain at 0dB at this
frequency. Now calculate the needed phase boost, assum-
ing 60
° as a target phase margin:
BOOST = – (PHASE + 30
°)
If the required BOOST is less than 60
°, a Type 2 loop can
be used successfully, saving two external components.
BOOST values greater than 60
° usually require Type 3
loops for satisfactory performance.
Finally, choose a convenient resistor value for R1 (10k is
usually a good value). Now calculate the remaining values:
(K is a constant used in the calculations)
f = chosen crossover frequency
G = 10(GAIN/20) (this converts GAIN in dB to G in
absolute gain)
TYPE 2 Loop:
K
Tan
BOOST
C
fGKR
CC K
R
K
fC
R
VR
VV
REF
OUTSW
REF
=+ °


=
=−
()
=
=
−
2
45
2
1
21
12
1
4
21
2
1
2
π
π
()
TYPE 3 Loop:
K
Tan
BOOST
C
fGR
CC K
R
K
fC
R
R
K
C
fKR
R
VR
VV
REF
OUTSW
REF
=+ °


=
=−
()
=
=
−
=
=
−
2
4
45
2
1
21
12
1
4
21
3
1
1
3
1
23
2
1
π
π
π
()
SWITCHING SUPPLY CURRENT LIMIT
PROGRAMMING
Programming the current limit on the LTC1704 switcher
supply is straightforward. The IMAX pin sets the current
limit by setting the maximum allowable voltage drop
across QB (the bottom MOSFET) before the current limit
circuit engages. The voltage across QB is set by its on-
resistance and the current flowing in the inductor, which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com