Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPS-2000CBA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DPS-2000CBA
Description  550-2000W 1U Front End AC-DC Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-2000CBA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DPS-2000CBA Datasheet HTML 1Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 2Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 3Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 4Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 5Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 6Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 7Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 8Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CRPS
550-2000W 1U Front End AC-DC Power Supply
CRPS_10052016
E-mail: EPSBG_info@deltaww.com
http://www.deltaww.com/epsbg
P2
Output Characteristics
Parameter
Ripple & Noise (Note 1)
12V: <120mVp-p for DPS-550AB-11 D, DPS-800AB-16 F, DPS-1200AB-4 G only
12VSB: <120mVp-p for DPS-550AB-11 D, DPS-800AB-16 F, DPS-1200AB-4 G only
12V: <200mVp-p for DPS-1600AB-12 A, DPS-2000CB A only
12VSB: <200mVp-p for DPS-1600AB-12 A, DPS-2000CB A only
Voltage Regulation
12V: ±5%
12VSB: ±5%
Rise Time
1-50ms for DPS-550AB-11 D only
2~70ms for DPS-800AB-16 F only
1~70ms for DPS-1200AB-4 G only
5~70ms for DPS-1600AB-12 A, DPS-2000CB A only
Hold Up Time
>10ms
Protections
Parameter
Overload
110%~150% of rated current, shutdown and latch off
Over Voltage
12V: 13.5V~15V
12VSB: 13.5V~15V
Shutdown and latch off
Over Temperature
Shutdown
Environmental Specifications
Parameter
Operating Temperature Range
0~50℃
Storage Temperature Range
-40~70℃
Sotrage Humidity
5~90%
Altitude
<5000m
MTBF
200,000 hours (80% load and 35oC by Telcordia SR332)
Dimension
185*73.5*40mm for DPS-550AB-11 D, DPS-800AB-16 F, DPS-1200AB-4 G only
195*73.5*40mm for DPS-1600AB-12 A, DPS-2000CB A only
Weight
0.9Kg for DPS-500AB-11 D, DPS-800AB-16 F only
1Kg for DPS-1200AB-4 G only
1.1Kg for DPS-1600AB-12 A, DPS-2000CB A only
Safety
Parameter
Standards
Safety Approvals
TUV+CB, UL & cUL 60950, CCC, CE, FCC, KC for DPS-550AB-11 D, DPS-1600AB-12 A only
NEMKO+CB, UL & cUL 60950, CCC, CE, KC for DPS-800AB-16 F and DPS-1200AB-4 G only
TUV+CB, UL & cUL 60950, CCC, CE, BSMI, KC for DPS-2000CB A only
EMC Emission
EN55022 (CISPR22) Class A, EN61000-3-2, -3
EMC Immunity
EN55024, EN61000-4-2,3,4,5,6,8,11
Function
Parameter
PG signal (PW OK)
Active TTL high when output is within regulation limits
PS-ON signal
The output will be enabled when this signal is pulled low, outputs disabled when pin is
driven high or left open
SMBAlert Signal
Signal high when power supply is working fine.
Signal low when error occurs. (Ex: AC line loss for more than 2 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com