Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPS-2000CBA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DPS-2000CBA
Description  550-2000W 1U Front End AC-DC Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-2000CBA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DPS-2000CBA Datasheet HTML 1Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 2Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 3Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 4Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 5Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 6Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 7Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 8Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CRPS
550-2000W 1U Front End AC-DC Power Supply
CRPS_10052016
E-mail: EPSBG_info@deltaww.com
http://www.deltaww.com/epsbg
P3
Remote Sense
+/-300mV
LED Indicator States
Power Supply Condition
LED State
Normal work
Green
No AC power to all power supplies
Off
AC present / Only 12VSB on (PS off) or PS in CR state
1Hz Blink Green
AC cord unplugged; with a second power supply in parallel still with AC input power
Red
Power supply warning events where the power supply continues to operate; high temp, high power, high
cuurent, slow fan, input voltage lower than 90Vac
1Hz Blink Red
Power supply critical event causing a shutdown; failure, OCP, OVP, Fan Fail
Red
Notes
1
Ripple & Noise measurement bandwidth is 0-20MHz, with 10µF, ceramic capacitor and 1µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com