Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRFDBK3392-R24-A Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LHRFDBK3392-R24-A
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFDBK3392-R24-A Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LHRFDBK3392-R24-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dominant Wave length(nm) at 20 mA
Group
0A
474
477
468
471
0C
0B
471
474
Min.
Max.
DBK CHIP
Color Code
700
550
A19
A21
A20
900
1100
700
900
Group
A18
A17
DBK CHIP
350
450
450
550
Min.
Max.
Luminous Intensity(mcd) at 20 mA
LHRFDBK3392/R24/A
Brightness Code For Standard LED Lamps
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
4/8
Page
A22
1100
1500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com