Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHRFDBK3392-R24-A Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRFDBK3392-R24-A
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFDBK3392-R24-A Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRFDBK3392-R24-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFDBK3392-R24-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
-20 ~ +80
℃
Operating Temperature
Topr
470
30
----
3.5
4.0
70
1100 2700
Blue
InGaN
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Dominant
wave
length
λDnm
PART NO
MATERIAL
COLOR
LHRFDBK3392/R24/A
AlGaInP
Red
White Diffused
630
Emitted
Lens
Forward
voltage
@20mA(V)
Luminous
intensity
@20mA(mcd)
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
20
----
1.5
2.4
300
70
550
Typ.
Min.
Max. Min.
Typ.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Storage Temperature
Tstg
-30 ~ +100
℃
DBK
HRF
Power Dissipation
PD
Electrostatic Discharge( * )
Reverse Current @5V
ESD
Ir
Peak Forward Current
Duty 1/10@10KHz
Forward Current
IFP
IF
120
mW
75
500
2000
V
50
10
μA
100
90
mA
30
30
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings
Absolute Maximum Ratings at Ta=25
℃
Parameter
Symbol
UNIT
Page 2/8
PART NO. LHRFDBK3392/R24/A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com