Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS882IST Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS882IST
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS882IST Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS882IST Datasheet HTML 16Page - STMicroelectronics TS882IST Datasheet HTML 17Page - STMicroelectronics TS882IST Datasheet HTML 18Page - STMicroelectronics TS882IST Datasheet HTML 19Page - STMicroelectronics TS882IST Datasheet HTML 20Page - STMicroelectronics TS882IST Datasheet HTML 21Page - STMicroelectronics TS882IST Datasheet HTML 22Page - STMicroelectronics TS882IST Datasheet HTML 23Page - STMicroelectronics TS882IST Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package information
TS882, TS884
20/26
DocID024119 Rev 3
4.3
SO14 package information
Figure 38. SO14 package outline
Table 9. SO14 package mechanical data
Dimensions(1)
1.
Drawing dimensions include “Single” and “Matrix” versions.
Symbol
Millimeters
Inches
Note
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.05
0.068
A1
0.10
0.25
0.004
0.009
A2
1.10
1.65
0.04
0.06
B
0.33
0.51
0.01
0.02
C
0.19
0.25
0.007
0.009
D
8.55
8.75
0.33
0.34
(2)
2.
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15 mm per side.
E
3.80
4.0
0.15
0.15
e
1.27
0.05
H
5.80
6.20
0.22
0.24
L
0.40
1.27
0.015
0.05
k
0°
8°
0°
8°
ddd
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com