Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS882IST Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS882IST
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS882IST Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS882IST Datasheet HTML 18Page - STMicroelectronics TS882IST Datasheet HTML 19Page - STMicroelectronics TS882IST Datasheet HTML 20Page - STMicroelectronics TS882IST Datasheet HTML 21Page - STMicroelectronics TS882IST Datasheet HTML 22Page - STMicroelectronics TS882IST Datasheet HTML 23Page - STMicroelectronics TS882IST Datasheet HTML 24Page - STMicroelectronics TS882IST Datasheet HTML 25Page - STMicroelectronics TS882IST Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
DocID024119 Rev 3
25/26
TS882, TS884
Revision history
26
5
Revision history
Table 12. Document revision history
Date
Revision
Changes
18-Jan-2013
1
Initial release.
02-May-2013
2
Added TS884 device to header, Description, and Table 1: Device
summary.
Updated title (added “quad” comparator).
Updated Features and Table 2 (ESD tolerance: “6 kV” HBM replaced
by “8 kV” HBM).
Updated Description in accordance with added TS884 device.
Added SO14, TSSOP14 and QFN16 3 x 3 mm package to Features,
figure on page 1, Section 4: Package information. and Table 1:
Device summary.
Moved Figure 1: Pin connections TS882 (top view) to page 3.
Added Figure 2: Pin connections TS884 (top view).
Updated Table 2: Absolute maximum ratings (added TS884 device
RTHJA values).
Minor corrections throughout document.
14-Jul-2014
3
Updated Table 1: Device summary on page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com