Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS985 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS985
Description  Micropower low-voltage, 1.2 x 0.8 mm CSP comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS985 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS985 Datasheet HTML 2Page - STMicroelectronics TS985 Datasheet HTML 3Page - STMicroelectronics TS985 Datasheet HTML 4Page - STMicroelectronics TS985 Datasheet HTML 5Page - STMicroelectronics TS985 Datasheet HTML 6Page - STMicroelectronics TS985 Datasheet HTML 7Page - STMicroelectronics TS985 Datasheet HTML 8Page - STMicroelectronics TS985 Datasheet HTML 9Page - STMicroelectronics TS985 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
TS985
6/18
DocID029328 Rev 1
Table 5. VCC+ = 5 V, VCC- = 0 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage, full Vicm range
0.5
8
mV
Input offset voltage, Tmin ≤Tamb ≤Tmax
9
ΔVio/ΔT Input offset voltage drift vs. temperature
4.5
uV/°C
VHyst
Input hysteresis voltage
3
mV
Iib
Input bias current (1), full Vicm range
17
50
nA
Input bias current (1), Tmin ≤ Tamb ≤ Tmax
100
Iio
Input offset current, full Vicm range
1
10
Input offset current, Tmin ≤ Tamb ≤ Tmax
100
CMR
Common-mode rejection ratio, Vicm = 0 to 5 V
56
dB
ICC
Supply current per comparator, no load - Vicm = 0 V
16
24
µA
Supply current per comparator, Tmin ≤ Tamb ≤ Tmax
25
VOH
High-level output voltage, ISource = 1 mA
4.85
4.9
V
High-level output voltage, Tmin ≤ Tamb ≤ Tmax
4.8
VOL
Low-level output voltage, ISink = 1 mA
31
45
mV
Low-level output voltage, Tmin ≤ Tamb ≤ Tmax
55
ISink
VOUT = 0 V
35
42
mA
Tmin ≤ Tamb ≤ Tmax
30
ISource
VOUT = VCC
45
52
Tmin ≤ Tamb ≤ Tmax
40
tPHL
Response time high to low (2), Vicm = 0 V, CL = 15 pF,
overdrive = 10 mV
1100
ns
Response time high to low (2), Vicm = 0 V, CL = 15 pF,
overdrive = 100 mV
420
tPLH
Response time low to high (3), Vicm = 0 V, CL = 15 pF,
overdrive = 10 mV
1100
Response time low to high (3), Vicm = 0 V, CL = 15 pF,
overdrive = 100 mV
420
1. Maximum values include unavoidable inaccuracies of the industrial tests.
2. TPHL is measured when the output signal crosses a voltage level at 50% of VCC with the following conditions: inverting
input voltage (IN-) = VICM and non-inverting input (IN+), moving from VICM + 100mV to VICM - overdrive.
3. TPLH is measured when the output signal crosses a voltage level at 50 % of VCC with the following conditions: inverting
input voltage (IN-) = VICM and non-inverting input (IN+), moving from VICM - 100 mV to VICM + overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com