Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS985 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS985
Description  Micropower low-voltage, 1.2 x 0.8 mm CSP comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS985 Datasheet(HTML) 3 Page - STMicroelectronics

  TS985 Datasheet HTML 1Page - STMicroelectronics TS985 Datasheet HTML 2Page - STMicroelectronics TS985 Datasheet HTML 3Page - STMicroelectronics TS985 Datasheet HTML 4Page - STMicroelectronics TS985 Datasheet HTML 5Page - STMicroelectronics TS985 Datasheet HTML 6Page - STMicroelectronics TS985 Datasheet HTML 7Page - STMicroelectronics TS985 Datasheet HTML 8Page - STMicroelectronics TS985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID029328 Rev 1
3/18
TS985
Absolute maximum ratings
18
1
Absolute maximum ratings
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1. All voltage values, except differential voltage, are with respect to network ground terminal.
5.5
V
Vid
Differential input voltage (2)
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±5.5
Vin
Input voltage (3)
3. Excursions of input voltages may exceed the power supply level. As long as the common mode voltage
[Vicm=(Vin+ + Vin-)/2] remains within the specified range, the comparator will provide a stable output state.
However, the maximum current through the ESD diodes (IF) of the input stage must strictly be observed.
(VCC-) - 0.3 to (VCC+) + 0.3
Vout
Output voltage
5.5
IF
Forward current in ESD protection diodes
on inputs (4)
4. Guaranteed by design.
10
mA
Tj
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
Rthja
Thermal resistance junction to ambient (5)
5. Short-circuits can cause excessive heating and destructive dissipation. Values are typical
TBA
°C/W
ESD
HBM: human body model (6)
6. According to JEDEC standard JESD22-A114F.
2000
V
CDM: charged device model (7)
7. According to ANSI/ESD STM5.3.1.
1500
Latch-up immunity
200
mA
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC+
Supply voltage
1.8 to 5.0
V
Vicm
Common mode input voltage range,
Tamb = 25 °C
(VCC-) - 0.25 to (VCC+) + 0.25
Common mode input voltage range,
Tmin ≤Tamb ≤Tmax
(VCC-) to (VCC+)
Toper
Operating free-air temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com