Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874A Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS1874A
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS1874A Datasheet HTML 17Page - STMicroelectronics TS1874A Datasheet HTML 18Page - STMicroelectronics TS1874A Datasheet HTML 19Page - STMicroelectronics TS1874A Datasheet HTML 20Page - STMicroelectronics TS1874A Datasheet HTML 21Page - STMicroelectronics TS1874A Datasheet HTML 22Page - STMicroelectronics TS1874A Datasheet HTML 23Page - STMicroelectronics TS1874A Datasheet HTML 24Page - STMicroelectronics TS1874A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TS187x, TS187xA
Ordering information
Doc ID 6992 Rev 7
23/25
4
Ordering information
Table 13.
Order codes
Order code
Temperature range
Package
Packaging
Marking
TS1871ID/IDT
-40 °C to +125 °C
SO-8
Tube or
tape and reel
1871I
TS1871IAID/AIDT
1871AI
TS1871ILT
SOT23-5L
Tape and reel
K171
TS1871AILT
K172
TS1871IYLT(1)
SOT23-5L
(automotive grade)
Tape and reel
K182
TS1871AIYLT(1)
K183
TS1872ID/IDT
SO-8
Tube or
tape and reel
1872I
TS1872AID/AIDT
1872AI
TS1872IYDT(1)
SO-8
(automotive grade)
Tube or
tape and reel
1872Y
TS1872AIYDT(1)
1872AY
TS1872IPT
TSSOP8
Tape and reel
1872I
TS1872AIPT
1872A
TS1872IYPT(1)
TSSOP8
(automotive grade)
Tape and reel
1872Y
TS1872AIYPT(1)
872AY
TS1872IST
MiniSO-8
Tape and reel
K171
TS1872AIST
K172
TS1874ID/IDT
SO-14
Tube or
tape and reel
1874I
TS1874AID/AIDT
1874AI
TS1874IYDT(1)
SO-14
(automotive grade)
Tape and reel
TS1874Y
TS1874AIYDT(1)
TS1874AY
TS1874IPT
TSSOP14
Tape and reel
1874I
TS1874AIPT
1874AI
TS1874IYPT(1)
TSSOP14
(automotive grade)
Tape and reel
TS1874Y
TS1874AIYPT(1)
TS1874AY
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
and Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com