Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS1874A
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874A Datasheet(HTML) 5 Page - STMicroelectronics

  TS1874A Datasheet HTML 1Page - STMicroelectronics TS1874A Datasheet HTML 2Page - STMicroelectronics TS1874A Datasheet HTML 3Page - STMicroelectronics TS1874A Datasheet HTML 4Page - STMicroelectronics TS1874A Datasheet HTML 5Page - STMicroelectronics TS1874A Datasheet HTML 6Page - STMicroelectronics TS1874A Datasheet HTML 7Page - STMicroelectronics TS1874A Datasheet HTML 8Page - STMicroelectronics TS1874A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TS187x, TS187xA
Electrical characteristics
Doc ID 6992 Rev 7
5/25
2
Electrical characteristics
Table 4.
Electrical characteristics measured at VCC+ = +1.8 V with VCC- = 0 V, CL and RL
connected to VCC/2, and Tamb = 25 °C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC/2
TS1871A/2A/4A
Tmin ≤ Tamb ≤ Tmax
TS1871/2/4
Tmin ≤ Tamb ≤ Tmax
0.1
1
1.5
3
6
mV
ΔVio
Input offset voltage drift
2
µV/°C
Iio
Input offset current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
330
60
nA
Iib
Input bias current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
40
125
150
nA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0
≤ Vicm ≤ VCC, Vout = VCC/2
Tmin ≤ Tamb ≤ Tmax
55
52
77
dB
Avd
Large signal voltage gain
Vout = 0.5 to 1.3 V
RL = 2 kΩ
RL = 600 Ω
77
70
91
84
dB
VOH
High level output voltage
Vid = 100 mV
RL = 2 kΩ
RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600 Ω
1.65
1.62
1.65
1.62
1.77
1.74
V
VOL
Low level output voltage
Vid = -100 mV
RL = 2 kΩ
RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2 kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600 Ω
30
46
100
150
100
150
mV
Io
Output source current
Vid = 100 mV, VO = VCC-
20
58
mA
Output sink current
Vid = -100 mV, VO = VCC+
20
68
ICC
Supply current (per amplifier)
Vout = VCC/2
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
400
560
600
µA
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF, f = 100 kHz
0.9
1.6
MHz
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, AV = 1
0.38
0.54
V/µs
φm
Phase margin
CL = 100 pF
53
Degrees
en
Input voltage noise
f = 1 kHz
27
nV/
√Hz
THD
Total harmonic distortion
0.01
%
1.
All parameter limits at temperatures different from 25 °C are guaranteed by correlation.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com