Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3002ACMC Datasheet(PDF) 84 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 84 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 80Page - Teccor Electronics P3002ACMC Datasheet HTML 81Page - Teccor Electronics P3002ACMC Datasheet HTML 82Page - Teccor Electronics P3002ACMC Datasheet HTML 83Page - Teccor Electronics P3002ACMC Datasheet HTML 84Page - Teccor Electronics P3002ACMC Datasheet HTML 85Page - Teccor Electronics P3002ACMC Datasheet HTML 86Page - Teccor Electronics P3002ACMC Datasheet HTML 87Page - Teccor Electronics P3002ACMC Datasheet HTML 88Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 212 page
background image
TeleLink Fuse
http://www.teccor.com
2 - 66
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
TeleLink Fuse
The TeleLink Surface Mount (SM) surge resistant fuse offers circuit protection without
requiring a series resistor. When used in conjunction with the SIDACtor Transient Voltage
Suppressor (TVS), the TeleLink SM fuse and the SIDACtor TVS provide a complete
regulatory-compliant solution for standards such as GR 1089, TIA-968 (formerly known as
FCC Part 68), UL 60950, and ITU K.20 and K.21. No series resistor is required for the
F1250T and F1251T to comply with these standards.
Contact factory for enhanced K.20 and K.21 details.
* Interrupt test characterized at 50° to 70° phase angle. Phase angles approximating 90° may result in damage to the body of the fuse.
Notes:
• The TeleLink SM fuse is designed to carry 100% of its rated current for four hours and 250% of its rated current for one second
minimum and 120 seconds maximum. Typical time is four to 10 seconds. For optimal performance, an operating current of 80% or
less is recommended.
• I2t is a non-repetitive RMS surge current rating for a period of 16.7 ms.
Notes:
• Typical inductance
@ 4 µH up to 500 MHz.
• Resistance changes 0.5% for every °C.
• Resistance is measured at 10% rated current.
Surge Ratings
TeleLink SM Fuse
IPP
2x10 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
F0500T
not rated
75
45
35
F1250T
500
160
115
100
F1251T
500
160
115
100
Interrupting Values
TeleLink SM
Fuse
Voltage
Rating
Current
Rating
I2t Measured
at DC Rated
Voltage
Interrupting Rating
Voltage, Current
MIN
TYP
MAX
F0500T
250 V
500 mA
1.3 A2s
600 V, 40 A
1 ms
2 ms
60 ms
F1250T
250 V
1.25 A
22.2 A2s
600 V, 60 A *
1 ms
2 ms
60 ms
F1251T
250 V
2 A
30 A2s
600 V, 60 A *
1 ms
2 ms
60 ms
Resistance Ratings
TeleLink SM Fuse
Typical Voltage Drop
@ Rated Current
DC Cold Resistance
MIN
MAX
F0500T
0.471 V
0.420
W
0.640
W
F1250T
0.205 V
0.107
W
0.150
W
F1251T
0.110 V
0.050
W
0.100
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com