Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3002ACMC Datasheet(PDF) 98 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 98 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 94Page - Teccor Electronics P3002ACMC Datasheet HTML 95Page - Teccor Electronics P3002ACMC Datasheet HTML 96Page - Teccor Electronics P3002ACMC Datasheet HTML 97Page - Teccor Electronics P3002ACMC Datasheet HTML 98Page - Teccor Electronics P3002ACMC Datasheet HTML 99Page - Teccor Electronics P3002ACMC Datasheet HTML 100Page - Teccor Electronics P3002ACMC Datasheet HTML 101Page - Teccor Electronics P3002ACMC Datasheet HTML 102Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 212 page
background image
High Speed Transmission Equipment
http://www.teccor.com
3 - 10
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Component Selection
The P2300SC MC SIDACtor device and the F1250T TeleLink fuse were chosen because
both components meet GR 1089 surge immunity requirements without the use of additional
series resistance. The P2300SC MC voltage rating was selected to ensure loop powering
up to 190 V. For loop powering greater than 190 V, consider the P2600SC MC. The
P0080SA MC SIDACtor device was chosen to eliminate any sneak voltages that may
appear below the voltage rating of the P2300SC MC.
ISDN Circuit Protection
Integrated Services Digital Network (ISDN) circuits require protection at the Network
Termination Layer 1 (NT1) U-interface and at the Terminating Equipment (TE) or
Terminating Adapter (TA) S/T interface. Signal levels at the U-interface are typically ±2.5 V;
however, with sealing currents and maintenance loop test (MLT) procedures, voltages
approaching 150 V rms can occur. (Figure 3.11)
Figure 3.11 ISDN Overview
Protection Circuitry
Longitudinal protection was not used at either the U- or the TA/TE-interface due to the
absence of an earth-to-ground connection. (Figure 3.12) At the U-interface, the
P2600SC MC SIDACtor device and F1250T TeleLink fuse provide metallic protection, while
the TA/TE-interface uses the P0640SC MC SIDACtor device and F1250T TeleLink fuse.
Figure 3.12 also shows interfaces not isolated from earth ground.
ISDN Compliant
Central Office Switching
System
Network
Termination
Layer 1
NT1
CO
ISDN DSL
2-Wire,
160 kbps
2B1Q ±2.5 V
U
Reference
TA
TE
NT2
PBX
TE
TA
S
S
S Reference, 4-Wire
T Reference
4-Wire
T
T
T
Terminal
Adapter
Terminal Equipment
(ISDN
Compliant)
POTS
Non-ISDN
Terminal
B1
B2
D
ISDN Terminal
B1
B2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com