Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3002ACMC Datasheet(PDF) 116 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 116 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 112Page - Teccor Electronics P3002ACMC Datasheet HTML 113Page - Teccor Electronics P3002ACMC Datasheet HTML 114Page - Teccor Electronics P3002ACMC Datasheet HTML 115Page - Teccor Electronics P3002ACMC Datasheet HTML 116Page - Teccor Electronics P3002ACMC Datasheet HTML 117Page - Teccor Electronics P3002ACMC Datasheet HTML 118Page - Teccor Electronics P3002ACMC Datasheet HTML 119Page - Teccor Electronics P3002ACMC Datasheet HTML 120Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 212 page
background image
CATV Equipment
http://www.teccor.com
3 - 28
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
of 20 µH to 30 µH is an example of a suitable starting point, but the actual value depends on
the design and must be verified through laboratory testing.
Figure 3.35 CATV Station Protection
Compensating
Inductor
UL Approved
Coaxial Fuse Line
To Protected
Equipment
P1400AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com