Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3002ACMC Datasheet(PDF) 121 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 121 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 117Page - Teccor Electronics P3002ACMC Datasheet HTML 118Page - Teccor Electronics P3002ACMC Datasheet HTML 119Page - Teccor Electronics P3002ACMC Datasheet HTML 120Page - Teccor Electronics P3002ACMC Datasheet HTML 121Page - Teccor Electronics P3002ACMC Datasheet HTML 122Page - Teccor Electronics P3002ACMC Datasheet HTML 123Page - Teccor Electronics P3002ACMC Datasheet HTML 124Page - Teccor Electronics P3002ACMC Datasheet HTML 125Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 212 page
background image
Triac Protection
© 2002 Teccor Electronics
3 - 33
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Triac Protection
Thyristors
Damage can occur to a thyristor if the thyristor’s repetitive peak off-state voltage is
exceeded. A thyristor’s repetitive peak off-state voltage may be exceeded due to dirty AC
power mains, inductive spikes, motor latch up, and so on.
Thyristor Reference Circuit
Figure 3.40 and Figure 3.41 show two different methods of protecting a triac. In Figure 3.40,
a SIDACtor device is connected from MT2 to the gate of the triac. When the voltage applied
to the triac exceeds the SIDACtor device’s VDRM, the SIDACtor device turns on, producing a
gate current which turns the triac on.
Figure 3.40 TRIAC Protection
The circuit in Figure 3.41 places a SIDACtor device across MT2 and MT1 of the triac. In this
instance the SIDACtor device protects the triac by turning on and shunting the transient
before it exceeds the VDRM rating of the triac.
Figure 3.41 TRIAC Protection
With both methods, consider the following designs when using a SIDACtor device to protect
a thyristor:
• VDRM of the SIDACtor device < VDRM of Triac
• SIDACtor device VDRM > 120% VPK(power supply)
• SIDACtor device must be placed behind the load
MT2
Triac
To
Gating
Circuitry
Hot
Neutral
MT1
SIDACtor
Load
47
Ω
MT2
Triac
To
Gating
Circuitry
Hot
Neutral
MT1
SIDACtor
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com