Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA80D Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LGA80D
Description  Wide operating temperature range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA80D Datasheet(HTML) 1 Page - Artesyn Technologies

  LGA80D Datasheet HTML 1Page - Artesyn Technologies LGA80D Datasheet HTML 2Page - Artesyn Technologies LGA80D Datasheet HTML 3Page - Artesyn Technologies LGA80D Datasheet HTML 4Page - Artesyn Technologies LGA80D Datasheet HTML 5Page - Artesyn Technologies LGA80D Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWER
LGA80D Series
Dual O/P Non-isolated 80 A Digital DC/DC Converter
Total Current:
80 A (single)
40 A (dual)
Input Voltage: 7.5 - 14 Vdc
Variable Output: 0.6 - 5.2 V
SPECIAL FEATURES
ƒ
Two-phase design
ƒ
Dual or single output configuration
possible
ƒ
High efficiency up to 95.5%
ƒ
Small size 1” x 0.5” x 0.48” (LxWxH)
ƒ
Supports PMBus
ƒ
No minimum load requirement
ƒ
Wide operating temperature range
ƒ
Exceptional power density
ƒ
Automatic loop compensation
ƒ
Excellent transient response
ƒ
Analog or digital control
ƒ
IPC9592B compliant
ƒ
Tape and reel packaging
ƒ
Reflow compatible
ƒ
Possible to stack up to 8 phases for
320 A
ƒ
Two year warranty (Consult factory
for extended terms)
SAFETY
ƒ
Designed to meet EN60950-1
Electrical Specifications
Input
Input voltage range
7.5 -14 Vdc
Max input current @ 7.5 V
33 A
Input capacitor (internal)
120 µF
Environmental and General Information
Operating ambient temperature
-40 °C to +85 °C
Storage temperature
-40 °C to +125 °C
Switching frequency (RSYNC = 23.7 Kohm)
457 kHz typical (can be configured)
CMTBF Telcordia SR-332, Issue 3, Method 1 Case 1
50 MHours
Protection
Overcurrent protection
Refer to application note for detail
Overvoltage protection
110% Vo nominal
Overtemperature protection (controller temperature)
120 °C nominal
Output*
Independent output 1 and 2
0.6 V to 1 V
1.8 V
2.5 V
3.3 V
5 V
40 A
35 A
32.5 A
30 A
20 A
Combined output 1 and 2
0.6 V to 1 V
1.8 V
2.5 V
3.3 V
5 V
80 A
70 A
65 A
60 A
40 A
Efficiency at 11 Vin and 25 °C
1 V @ 80 A
1.8 V @ 70 A
2.5 V @ 65 A
3.3 V @ 60 A
5 V @ 40 A
89.9% typical
93% typical
94.5% typical
95% typical
95.5% typical
Max output power (Watts)
200 W
*Output @ Vin = 12 V, Ta = 25 °C, unless otherwise noted
Data Sheet


Similar Part No. - LGA80D

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
LGA80D ADVANCEDENERGY-LGA80D Datasheet
490Kb / 8P
Dual O/P Non-isolated 80 A Digital DC/DC Converter
logo
Artesyn Technologies
LGA80D-00DADJJ ARTESYN-LGA80D-00DADJJ Datasheet
587Kb / 6P
Dual O/P Non-isolated 80 A Digital DC/DC Converter
More results

Similar Description - LGA80D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
BCC XPPOWER-BCC Datasheet
292Kb / 2P
Wide Operating Temperature Range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
Wide operating temperature range
Rev: L
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
Wide operating temperature range
Rev: C
UBBL19 ULTRALIFE-UBBL19 Datasheet
107Kb / 2P
Wide operating temperature range
Rev: D
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UBBL23 ULTRALIFE-UBBL23 Datasheet
84Kb / 2P
Wide operating temperature range
Rev: D
UHR-CR26500 ULTRALIFE-UHR-CR26500 Datasheet
571Kb / 2P
Wide operating temperature range
Rev: G
UHR-CR26650 ULTRALIFE-UHR-CR26650 Datasheet
620Kb / 2P
Wide operating temperature range
Rev: F
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com