Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGA80D Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LGA80D
Description  Wide operating temperature range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA80D Datasheet(HTML) 2 Page - Artesyn Technologies

  LGA80D Datasheet HTML 1Page - Artesyn Technologies LGA80D Datasheet HTML 2Page - Artesyn Technologies LGA80D Datasheet HTML 3Page - Artesyn Technologies LGA80D Datasheet HTML 4Page - Artesyn Technologies LGA80D Datasheet HTML 5Page - Artesyn Technologies LGA80D Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LGA80D Series Data Sheet
Ordering Information
Model Number
Input Voltage
Output Voltage Set Point
Output Current
Efficiency
LGA80D-00DADJJ
7.5 - 14 Vdc
See table
80 A max
See table
Electrical Specifications (continued)
Parameter
Conditions
Min
Nom
Max
Line regulation
0.6 ~ 1.0 V
1.0 ~ 5.0 V
Measured at remote sense
—
2 mV
0.2%
—
Load regulation
0.6 ~ 1.0 V
1.0 ~ 5.0 V
Measured at remote sense
—
5 mV
0.5%
—
Output capacitor per output
(external minimum)
2 x 220 µF / 6.3 V polymer tan caps
(6TPF220M5L or equivalent
3 x 100 µF / 6.3 V ceramic caps
—
740 µF
—
Ripple and noise
(with minimum caps) 5 Hz to 20 MHz
0.6 to 1.8 V
2.5 V to 3.3 V
5.0 V
One module one output
—
—
—
15 mV
25 mV
40 mV
—
—
—
Ripple and noise
(with minimum caps) 5 Hz to 20 MHz
0.6 to 1.8 V
2.5 V to 3.3 V
5.0 V
One module two outputs
—
—
—
18 mV
35 mV
50 mV
—
—
—
Block Diagram - One Module One Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com