Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117BC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F117BC
Description  Ultra-low power consumption technology
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117BC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F117BC Datasheet HTML 9Page - Renesas Technology Corp R5F117BC Datasheet HTML 10Page - Renesas Technology Corp R5F117BC Datasheet HTML 11Page - Renesas Technology Corp R5F117BC Datasheet HTML 12Page - Renesas Technology Corp R5F117BC Datasheet HTML 13Page - Renesas Technology Corp R5F117BC Datasheet HTML 14Page - Renesas Technology Corp R5F117BC Datasheet HTML 15Page - Renesas Technology Corp R5F117BC Datasheet HTML 16Page - Renesas Technology Corp R5F117BC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
RL78/I1D
1. OUTLINE
R01DS0244EJ0220 Rev. 2.20
Page 13 of 99
Feb 20, 2017
1.6
Outline of Functions
Remark
This outline describes the functions at the time when Peripheral I/O redirection register 0 (PIOR0) are set
to 00H.
Note
The flash library uses RAM in self-programming and rewriting of the data flash memory.
The target products and start address of the RAM areas used by the flash library are shown below.
R5F117xC (x = A, B, G): Start address FF300H
For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for RL78 Family
(R20UT2944)
.
(1/2)
Item
20-pin
24-pin
30-pin
32-pin
48-pin
R5F1176x
(x = 8, A)
R5F1177x
(x = 8, A)
R5F117Ax
(x = 8, A, C)
R5F117Bx
(x = A, C)
R5F117Gx
(x = A, C)
Code flash memory (KB)
8 to 16 KB
8 to 16 KB
8 to 32 KB
16 to 32 KB
16 to 32 KB
Data flash memory (KB)
2 KB
2 KB
2 KB
2 KB
2 KB
RAM
0.7 to 2.0 KB
0.7 to 2.0 KB
0.7 to 3.0 KB Note
2.0 to 3.0 KB Note
2.0 to 3.0 KB Note
Address space
1 MB
Main system
clock
High-speed system clock (fMX)
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode:1 to 20 MHz (VDD = 2.7 to 3.6 V),
HS (High-speed main) mode:1 to 16 MHz (VDD = 2.4 to 3.6 V),
LS (Low-speed main) mode:1 to 8 MHz (VDD = 1.8 to 3.6 V),
LV (Low-voltage main) mode:1 to 4 MHz (VDD = 1.6 to 3.6 V),
LP (Low-power main) mode:1 MHz (VDD = 1.8 to 3.6 V)
High-speed on-chip oscillator
clock (fIH) Max: 24 MHz
HS (High-speed main) mode: 1 to 24 MHz (VDD = 2.7 to 3.6 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 3.6 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 3.6 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 3.6 V),
LP (Low-power main) mode: 1 MHz (VDD = 1.8 to 3.6 V)
Middle-speed on-chip oscillator
clock (fIM) Max: 4 MHz
Subsystem
clock
Subsystem clock oscillator
(fSX, fSXR)
—
XT1 (crystal) oscillation
32.768 kHz (TYP.): VDD = 1.6 to 3.6 V
Low-speed on-chip oscillator
clock (fIL)
15 kHz (TYP.): VDD = 1.6 to 3.6 V
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.04167
μs (High-speed on-chip oscillator clock: fIH = 24 MHz operation)
0.05
μs (High-speed system clock: fMX = 20 MHz operation)
—30.5
μs
(Subsystem clock oscillator clock: fSX = 32.768 kHz
operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits
× 8 bits, 16 bits × 16 bits), Division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits)
• Multiplication and Accumulation (16 bits
× 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
14
18
24
26
42
CMOS I/O
11
1519
2133
CMOS input
33555
N-ch open-drain I/O
(6 V tolerance)
————
4
Timer
16-bit timer
4 channels
Watchdog timer
1 channel
Real-time clock
1 channel
12-bit interval timer
1 channel
8/16-bit interval timer
4 channels (8 bit) / 2 channels (16 bit)
Timer output
24344
RTC output
—
1 channel
•1 Hz
(subsystem clock generator and RTC/other clock:
fSX = 32.768 kHz)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com