Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117BC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F117BC
Description  Ultra-low power consumption technology
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117BC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F117BC Datasheet HTML 17Page - Renesas Technology Corp R5F117BC Datasheet HTML 18Page - Renesas Technology Corp R5F117BC Datasheet HTML 19Page - Renesas Technology Corp R5F117BC Datasheet HTML 20Page - Renesas Technology Corp R5F117BC Datasheet HTML 21Page - Renesas Technology Corp R5F117BC Datasheet HTML 22Page - Renesas Technology Corp R5F117BC Datasheet HTML 23Page - Renesas Technology Corp R5F117BC Datasheet HTML 24Page - Renesas Technology Corp R5F117BC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
RL78/I1D
2. ELECTRICAL SPECIFICATIONS
R01DS0244EJ0220 Rev. 2.20
Page 21 of 99
Feb 20, 2017
Caution
The maximum value of VIH of pins P30 and P51 to P56 is VDD, even in the N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85°C, 1.6 V
≤ AVDD = VDD ≤ 3.6 V, VSS = AVSS = 0 V)
(TA = +85 to +105°C, 2.4 V
≤ AVDD = VDD ≤ 3.6 V, VSS = AVSS = 0 V)
(3/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
P00 to P04, P30 to P33, P40,
P50 to P57, P130
Normal input buffer
0.8 VDD
VDD
V
VIH2
P30, P32, P33, P51, P52,
P54 to P57
TTL input buffer
3.3 V
≤ VDD ≤ 3.6 V
2.0
VDD
V
TTL input buffer
1.6 V
≤ VDD < 3.3 V
1.5
VDD
V
VIH3
P10 to P17, P20 to P25
0.7 AVDD
AVDD
V
VIH4
P60 to P63
0.7 VDD
6.0
V
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8 VDD
VDD
V
Input voltage, low
VIL1
P00 to P04, P30 to P33, P40,
P50 to P57, P130
Normal input buffer
0
0.2 VDD
V
VIL2
P30, P32, P33, P51, P52,
P54 to P57
TTL input buffer
3.3 V
≤ VDD ≤ 3.6 V
00.5
V
TTL input buffer
1.6 V
≤ VDD < 3.3 V
00.32
V
VIL3
P10 to P17, P20 to P25
0
0.3 AVDD
V
VIL4
P60 to P63
0
0.3 VDD
V
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com