Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AC200G Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE25AC200G
Description  SPI NOR FLASH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC200G Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE25AC200G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ACE25AC200G
SPI NOR FLASH
VER 1.2
3
Block Diagram
Uniform Block Sector Architecture
ACE25AC200G 64K Bytes Block Sector Architecture
Block
Sector
Address Range
3
63
03F000H
03FFFFH
……
……
……
48
030000H
030FFFH
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH
Device Operation
The ACE25AC200G features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are
supported. Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of
SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com