Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AC200G Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE25AC200G
Description  SPI NOR FLASH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC200G Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25AC200G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC200G Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ACE25AC200G
SPI NOR FLASH
VER 1.2
7
Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE) and Write Status Register (WRSR) command. The Write Enable (WREN) command
sequence: CS# goes low→Send Write Enable command→CS# goes high.
Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable
command sequence: CS# goes low Send Write Disable command CS# goes high. The WEL bit is reset by
following condition: Power-up and upon completion of the Write Status Register, Page Program, Sector
Erase, Block Erase and Chip Erase commands.
Read Status Register (RDSR) (05H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may
be read at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one
of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending
a new command to the device. It is also possible to read the Status Register continuously.
Figure1. Write Enable Sequence Diagram
Figure2. Write Disable Sequence Diagram
Figure3. Read Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com