Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACEDC6904B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACEDC6904B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACEDC6904B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACEDC6904B Datasheet HTML 1Page - ACE Technology Co., LTD. ACEDC6904B Datasheet HTML 2Page - ACE Technology Co., LTD. ACEDC6904B Datasheet HTML 3Page - ACE Technology Co., LTD. ACEDC6904B Datasheet HTML 4Page - ACE Technology Co., LTD. ACEDC6904B Datasheet HTML 5Page - ACE Technology Co., LTD. ACEDC6904B Datasheet HTML 6Page - ACE Technology Co., LTD. ACEDC6904B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACEDC6904B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
ACEDC6904B uses advanced trench technology and design to provide excellent RDS(on) with low
gate charge. It can be used in a wide variety of applications.
Features
VDS=60V , ID=29A
RDS(ON) @ VGS=10V, TYP 10mΩ
RDS(ON) @ VGS=4.5V , TYP 12mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)*AC
TA=25℃
ID
29
A
TA=100℃
20
Drain Current (Pulsed)*B
IDM
168
A
Single Pulse Avalanche Energy2
EAS
48
mJ
Single Pulse Avalanched Current2
IAS
17
A
Power Dissipation
TA=25℃
PD
21
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
PDFN3*3-8L
DFN3*3-8L


Similar Part No. - ACEDC6904B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACEDC3904B ACE-ACEDC3904B Datasheet
642Kb / 7P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACEDC6904B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com