Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC-1 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button EC-1 Datasheet HTML 45Page - Renesas Technology Corp EC-1 Datasheet HTML 46Page - Renesas Technology Corp EC-1 Datasheet HTML 47Page - Renesas Technology Corp EC-1 Datasheet HTML 48Page - Renesas Technology Corp EC-1 Datasheet HTML 49Page - Renesas Technology Corp EC-1 Datasheet HTML 50Page - Renesas Technology Corp EC-1 Datasheet HTML 51Page - Renesas Technology Corp EC-1 Datasheet HTML 52Page - Renesas Technology Corp EC-1 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 49 of 58
Sep 30, 2016
EC-1
2. Electrical Characteristics
2.4.3.9
Serial Management Interface
Table 2.23
Serial Management Interface
Output load conditions: VOH = VCCQ33 × 0.5, VOL1 = VCCQ33 × 0.5, C = 30 pF
Item
Symbol
min
max
Unit
Test
Conditions
MDIO
ETH_MDC output cycle
tMDC
80
―
ns
Figure 2.30
ETH_MDIO input setting time (to ETH_MDC↑)tSMDIO
10
―
ns
ETH_MDIO input hold time (to ETH_MDC↑)tHMDIO
0
―
ns
ETH_MDIO output delay time (to ETH_MDC↓)tDMDIO
―
20
ns
Figure 2.30
Serial Management Access Timing
ETH _M D C
(O utput)
ETH _M D IO
(Input)
tMDC
tHMDIO
ETH _M D IO
(O utput)
tDMDIO
tDMDIO
tSMDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com