Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC-1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EC-1 Datasheet HTML 1Page - Renesas Technology Corp EC-1 Datasheet HTML 2Page - Renesas Technology Corp EC-1 Datasheet HTML 3Page - Renesas Technology Corp EC-1 Datasheet HTML 4Page - Renesas Technology Corp EC-1 Datasheet HTML 5Page - Renesas Technology Corp EC-1 Datasheet HTML 6Page - Renesas Technology Corp EC-1 Datasheet HTML 7Page - Renesas Technology Corp EC-1 Datasheet HTML 8Page - Renesas Technology Corp EC-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 2 of 58
Sep 30, 2016
EC-1
1. Overview
1.
Overview
1.1
Outline of Specifications
This LSI circuit is a high-performance industrial MCU equipped with the ARM Cortex®-R4F processor, and
incorporating integrated peripheral functions necessary for system configuration. Table 1.1 lists the specifications in
outline, and Table 1.2 gives a list of functions.
Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs
depending on the pin number on the package. For details, see Table 1.2, List of Functions.
Table 1.1
Outline of Specifications (1 / 3)
Classification
Module/Function
Description
CPU
Central processing unit
(Cortex-R4F)
• Operating frequency
196-pin FBGA:150 MHz
• 32-bit CPU Cortex-R4F designed by ARM (core revision r1p4)
• Address space: 4 Gbytes
• Instruction cache: 8 Kbytes (with ECC)
• Data cache: 8 Kbytes (with ECC)
• Tightly coupled memory (TCM)
ATCM: 512 Kbytes (with ECC)
BTCM: 32 Kbytes (with ECC)
• Instruction set: ARMv7-R architecture, so support includes Thumb® and Thumb-2
• Data arrangement
Instructions: Little endian
Data: Little endian
• Memory protection unit (MPU)
FPU
(Cortex-R4F)
• Supports addition, subtraction, multiplication, division, multiply-and-accumulate, and
square-root operations at single- and double-precision.
• Registers
32-bit single-word registers: 32 bits ×32
(can be used as 16 double-word registers: 64 bits x 16)
Operating modes
• SPI boot mode (for booting up from serial flash memory)
Clock
Clock generation circuit
• The input clock can be selected from an external resonator.
• Detection of input clock oscillation stopping
• The following clocks are generated.
CPU clock:150 MHz (fixed)
System clock: 150 MHz (fixed)
High-speed peripheral module clock: 150 MHz (fixed)
Low-speed peripheral module clock: 75 MHz (fixed)
Low-speed on-chip oscillator: 240 kHz (fixed)
Reset
RES # pin reset, error control module (ECM) reset, software reset
Low power
Low power consumption
• Standby mode (Cortex-R4F)
• Module stop function
Interrupt
Cortex-R4F
vector interrupt
controller (VIC)
• Peripheral function interrupts: 87
• External interrupts: 15 sources
(NMI, IRQ0 to IRQ4, IRQ6, IRQ7, IRQ9, IRQ11 to IRQ14, ETH0_INT, ETH1_INT)
• Non-maskable interrupts: 2 sources
• Sixteen levels specifiable for the order of priority
Data transfer
Direct memory access
controller (DMACAa)
• 2 units (16 channels for unit 0, 16 channels for unit 1)
• Transfer modes: Single transfer mode and block transfer mode
• Transfer size
Unit 0: 1/2/4/16/32/64 bytes
Unit 1: 1/2/4/16 bytes
• Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
I/O ports
General-purpose I/O
ports
• 196-pin FBGA
I/O pins: 115
Input pins: 8
Pull-up/pull-down resistors: 115
5-V tolerance: 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com