Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F4MA Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4MA Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F4MA Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F4MA Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 145 page
background image
Rev. 1.20
52
De�e��e� 1�� 201�
Rev. 1.20
53
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Register
Reset
(Power On)
WDT Time-out
(Normal
Operation)
LVR Reset
WDT Time-out
(SLEEP/IDLE)
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
---- ---0
---- ---0
---- ---0
---- ---u
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
---- -xxx
---- -uuu
---- -uuu
---- -uuu
STATUS
--00 xxxx
--1u uuuu
-- u u uuuu
--1 1 uuuu
SMOD
110- 0010
110- 0010
110- 0010
u uu- uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu
INTEG
---- 0000
---- 0000
---- 0000
---- uuuu
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC2
-000 -000
-000 -000
-000 -000
-uuu -uuu
MFI0
--00 --00
--00 --00
--00 --00
--uu --uu
MFI1
--00 --00
--00 --00
--00 --00
--uu --uu
MFI2
--00 --00
--00 --00
--00 --00
--uu --uu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMPC
11 00 00 0 0
11 00 00 0 0
11 00 00 0 0
uuuu uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
TBC
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
uuuu -uuu
EEA
--00 0000
--00 0000
--00 0000
--uu uuuu
EED
0000 0000
0000 0000
0000 0000
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
ADRL (ADRFS=0)
xxxx ----
xxxx ----
xxxx ----
uuuu ----
ADRL (ADRFS=1)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADRFS=0)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADRFS=1)
---- xxxx
---- xxxx
---- xxxx
---- uuuu
ADCR0
0 110 00 0 0
0 110 00 0 0
0 110 00 0 0
uuuu uuuu
ADCR1
00-0 -000
00-0 -000
00-0 -000
uu-u -uuu
ACERL
1111 1111
1111 1111
1111 1111
uuuu uuuu
CTRL
0--- -x00
0--- -000
0--- -000
u--- -uuu
LVRC
0101 0101
0101 0101
0101 0101
uuuu uuuu
TM0C0
0000 0---
0000 0---
0000 0---
uuuu u---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com