Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FH4J Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45FH4J
Description  Emergency Light Flash MCU
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH4J Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45FH4J Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
13
De�e��e� 1�� �01�
HT45FH4J
Emergency Light Flash MCU
HT45FH4J
Emergency Light Flash MCU
A.C. Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
fCPU
Ope�ating Clo�k
5V±3%
—
DC
—
1�
MHz
DC
—
1�
MHz
DC
—
�0
MHz
fSYS
Syste� Clo�k (HIRC)
5V±3%
—
—
—
1�
MHz
—
—
1�
MHz
—
—
�0
MHz
fHIRC
HIRC F�equen�y (note)
5V±3%
Ta=�5°C
-�% 1�/1�/�0 +�%
MHz
Ta=-�0°C~85°C
-5% 1�/1�/�0 +5%
MHz
fLIRC
LIRC F�equen�y
5V±3%
Ta=�5°C
-10%
3�
+10% kHz
Ta=-�0°C ~ 85°C
-30%
3�
+�0% kHz
tTIMER
TCKn Input Pin Mini�u�
Pulse Width
—
—
—
30
—
ns
tINT
Inte��upt Mini�u� Pulse Width
—
—
1
3.3
5
μs
tEERD
EEPROM Read Ti�e
—
—
—
�
�
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
—
�
�
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT� fSYS off
at HALT state)
—
fSYS=HIRC
1�
—
—
tHIRC
fSYS=LIRC
�
—
—
tSYS
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT� fSYS on
at HALT state)
—
fSYS=HIRC
�
—
—
tHIRC
tRSTD
Syste� Reset Delay Ti�e
(Powe� on Reset� LVR H/W Reset�
LVR S/W Reset� WDT S/W Reset)
—
—
�5
50
100
�s
Syste� Reset Delay Ti�e
(WDT No��al Reset)
—
—
8.3
1�.7
33.3
�s
Note:1.tSYS=1/fSYS,tHIRC=1/fHIRC
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com