Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FH4J Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45FH4J
Description  Emergency Light Flash MCU
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH4J Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45FH4J Datasheet HTML 35Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 36Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 37Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 38Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 39Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 40Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 41Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 42Page - Holtek Semiconductor Inc HT45FH4J Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
Rev. 1.10
38
De�e��e� 1�� �01�
Rev. 1.10
39
De�e��e� 1�� �01�
HT45FH4J
Emergency Light Flash MCU
HT45FH4J
Emergency Light Flash MCU
Control Register
TheSMODregisterisusedtocontroltheinternalclockswithinthedevice.
SMOD Register
Bit
7
6
5
4
3
2
1
0
Na�e
CKS�
CKS1
CKS0
—
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
—
R
R
R/W
R/W
POR
1
1
0
—
0
0
1
0
Bit7~5
CKS2 ~ CKS0:ThesystemclockselectionwhenHLCLKis“0”
000:fSUB
001:fSUB
010:fH/64
011:fH/32
100:fH/16
101:fH/8
110:fH/4
111:fH/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.In
additiontothesystemclocksource,whichcanbeLIRC,adividedversionofthehigh
speedsystemoscillatorcanalsobechosenasthesystemclocksource.
Bit4
Unimplemented,readas“0”
Bit3
LTO:LIRCSystemOSCSSTreadyflag
0:Notready
1:Ready
ThisisthelowspeedsystemoscillatorSSTreadyflagwhichindicateswhenthelow
speedsystemoscillatorisstableafterpoweronresetorawake-uphasoccurred.The
flagwillchangetoahighlevelafter1~2cycles.
Bit2
HTO:HIRCSystemOSCSSTreadyflag
0:Notready
1:Ready
ThisisthehighspeedsystemoscillatorSSTreadyflagwhichindicateswhenthehigh
speedsystemoscillatorisstableafterawake-uphasoccurred.Thisflagisclearedto
“0”byhardwarewhenthedeviceispoweredonandthenchangestoahighlevelafter
thehighspeedsystemoscillatorisstable.Thereforethisflagwillalwaysbereadas“1”
bytheapplicationprogramafterdevicepower-on.Theflagwillbelowwheninthe
SLEEPorIDLE0Modebutafterpoweronresetorawake-uphasoccurred,theflag
willchangetoahighlevelafter15~16clockcyclesiftheHIRCoscillatorisused.
Bit1
IDLEN:IDLEModeControl
0:Disable
1:Enable
ThisistheIDLEModeControlbitanddetermineswhathappenswhentheHALT
instructionisexecuted.Ifthisbitishigh,whenaHALTinstructionisexecutedthe
devicewillentertheIDLEMode.IntheIDLE1ModetheCPUwillstoprunning
butthesystemclockwillcontinuetokeeptheperipheralfunctionsoperational,if
FSYSONbitishigh.IfFSYSONbitislow,theCPUandthesystemclockwillallstop
inIDLE0mode.IfthebitislowthedevicewillentertheSLEEPModewhenaHALT
instructionisexecuted.
Bit0
HLCLK:SystemClockSelection
0:fH/2~fH/64orfSUB
1:fH
ThisbitisusedtoselectifthefHclockorthefH/2~fH/64orfSUBclockisusedasthe
systemclock.WhenthebitishighthefHclockwillbeselectedandiflowthefH/2~
fH/64orfSUBclockwillbeselected.WhensystemclockswitchesfromthefHclockto
thefSUBclockandthefHclockwillbeautomaticallyswitchedofftoconservepower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com