Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9352AL2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9352AL2
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9352AL2 Datasheet HTML 1Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 2Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 3Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 5 of 19
Aug 24, 2015
ELECTRICAL CHARACTERISTICS
(TYP.: TA = 25
C, VIN = VIN = 0 V, VDD1 = VDD2 = 5 V,
MIN., MAX.: refer to RECOMMENDED OPERATING CONDITIONS, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Supply Current
IDD1
VIN = 350 mV
12.6
15
mA
Output Supply Current
IDD2
VIN =
350 mV
7
13
mA
Input Bias Current
IIN
5
0.6
5
A
Low Level Saturated Output Voltage
VOL
IOUT = 1.6 mA
0.1
0.6
V
High Level Saturated Output Voltage
VOH
IOUT =
100
A
3.9
4.9
V
Output Short-circuit Current
|IOSC|
VOUT = VDD2 or VOUT = GND2
20
40
mA
Equivalent Input Resistance
RIN
450
k
Output Clock Frequency
fCLK
8.2
10
13.2
MHz
Isolation Resistance
RI-O
VI-O = 1 kVDC, TA = 25
C
1011
Isolation Capacitance
CI-O
f = 1 MHz
0.7
pF
Data Hold Time *1
tHDDAT
4
10
16
ns
Common Mode Transient Immunity *2
CMR
VCM = 1 kV, TA = 25
C
15
kV/
s
*1
The data hold time (tHDDAT) is that the data (MDAT) will stay stable following the rising edge of the clock (MCLK).
tHDDAT is shown in the below timing chart.
Fig. Timing Chart
*2
Common Mode Transient Immunity (CMR) is specified by the rate of rise / fall of a pulse applied between GND1
on the input side and GND2 on the output side (pins 4 and 5) by using the circuit shown in Fig. 6 CMR Test
Circuit
. CMR is defined at the point that clock signals are corrupted.
MCLK
MDAT
tHDDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com