Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8902 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS8902
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8902 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS8902 Datasheet HTML 1Page - Renesas Technology Corp PS8902 Datasheet HTML 2Page - Renesas Technology Corp PS8902 Datasheet HTML 3Page - Renesas Technology Corp PS8902 Datasheet HTML 4Page - Renesas Technology Corp PS8902 Datasheet HTML 5Page - Renesas Technology Corp PS8902 Datasheet HTML 6Page - Renesas Technology Corp PS8902 Datasheet HTML 7Page - Renesas Technology Corp PS8902 Datasheet HTML 8Page - Renesas Technology Corp PS8902 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PS8902
R08DS0128EJ0100 Rev. 1.00
Page 4 of 15
Aug 24, 2015
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number*1
PS8902
PS8902-Y-AX
Pb-Free
(Ni/Pd/Au)
10 pcs (Tape 10 pcs cut)
Standard products
(UL,CSA approved)
PS8902
PS8902-F3
PS8902-Y-F3-AX
Embossed Tape 1 000
pcs/reel
PS8902-V
PS8902-Y-V-AX
10 pcs (Tape 10 pcs cut)
UL,CSA approved
DIN EN60747-5-5
(VDE0884-5): 2011-11
approved (Option)
PS8902-V-F3
PS8902-Y-V-F3-AX
Embossed Tape 1 000
pcs/reel
Note: *1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Reverse Voltage
VR
5.0
V
Power Dissipation*1
PD
45
mW
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8.0
mA
Power Dissipation*2
PC
250
mW
Isolation Voltage*3
BV
7500
Vr.m.s.
Operating Ambient Temperature
TA
–40 to +110
°C
Storage Temperature
Tstg
–55 to +125
°C
Notes *1
Reduced to 0.8 mW/
C at TA = 85C or more.
*2
Reduced to5.2 mW/
C at TA = 85C or more.
*3
AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com